Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C160 Datasheet(PDF) 12 Page - STMicroelectronics

Part # 27C160
Description  16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27C160 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 27C160 Datasheet HTML 8Page - STMicroelectronics 27C160 Datasheet HTML 9Page - STMicroelectronics 27C160 Datasheet HTML 10Page - STMicroelectronics 27C160 Datasheet HTML 11Page - STMicroelectronics 27C160 Datasheet HTML 12Page - STMicroelectronics 27C160 Datasheet HTML 13Page - STMicroelectronics 27C160 Datasheet HTML 14Page - STMicroelectronics 27C160 Datasheet HTML 15Page - STMicroelectronics 27C160 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
M27C160
12/19
Table 12. Ordering Information Scheme
Note: 1. High Speed, see AC Characteristics section for further information.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M27C160
-70
X
M
1
TR
Device Type
M27
Supply Voltage
C=5V
Device Function
160 = 16 Mbit (2mb x 8 or 1Mb x 16)
Speed
-50(1) =50ns
-70(1) =70ns
-90 = 90 ns
-100 = 100 ns
-120 = 120 ns
-150 = 150 ns
VCC Tolerance
blank = ± 10%
X=±5%
Package
F = FDIP42W
B = PDIP42
S = SDIP42
K = PLCC44
M = SO44
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Options
TR = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com