Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C160 Datasheet(PDF) 16 Page - STMicroelectronics

Part # 27C160
Description  16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27C160 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button 27C160 Datasheet HTML 11Page - STMicroelectronics 27C160 Datasheet HTML 12Page - STMicroelectronics 27C160 Datasheet HTML 13Page - STMicroelectronics 27C160 Datasheet HTML 14Page - STMicroelectronics 27C160 Datasheet HTML 15Page - STMicroelectronics 27C160 Datasheet HTML 16Page - STMicroelectronics 27C160 Datasheet HTML 17Page - STMicroelectronics 27C160 Datasheet HTML 18Page - STMicroelectronics 27C160 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
M27C160
16/19
Table 16. SDIP42 - 42 pin Shrink Plastic DIP, 600 mils width, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
5.08
0.200
A1
0.51
0.020
A2
3.81
3.05
4.57
0.150
0.120
0.180
b
0.46
0.38
0.56
0.018
0.015
0.022
b2
1.02
0.89
1.14
0.040
0.035
0.045
c
0.25
0.23
0.38
0.010
0.009
0.015
D
36.83
36.58
37.08
1.450
1.440
1.460
e
1.78
–
–
0.070
–
–
E
15.24
16.00
0.600
0.630
E1
13.72
12.70
14.48
0.540
0.500
0.570
eA
15.24
–
–
0.600
–
–
eB
18.54
0.730
L
3.30
2.54
3.56
0.130
0.100
0.140
S
0.64
0.025
N42
42
Figure 14. SDIP42 - 42 pin Shrink Plastic DIP, 600 mils width, Package Outline
Drawing is not to scale.
SDIP
A2
A1
A
L
b2
b
e
D
S
E1
E
N
1
c
eA
eB
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com