Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617BGL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 17Page - Monolithic Power Systems MP2617BGL Datasheet HTML 18Page - Monolithic Power Systems MP2617BGL Datasheet HTML 19Page - Monolithic Power Systems MP2617BGL Datasheet HTML 20Page - Monolithic Power Systems MP2617BGL Datasheet HTML 21Page - Monolithic Power Systems MP2617BGL Datasheet HTML 22Page - Monolithic Power Systems MP2617BGL Datasheet HTML 23Page - Monolithic Power Systems MP2617BGL Datasheet HTML 24Page - Monolithic Power Systems MP2617BGL Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
21
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
If charge is stopped due to high system load, the
timer is temporarily suspended.
This feature avoids indicating a false trigger
indication for bad battery indication when there is
little charge current delivered to the battery as a
result of the insufficient input power.
When
the
timer
out
condition
occurs,
the
MP2617A and MP2617B terminates the charge
at once and CHGOK
_____________
blinks to indicate the fault
status. If one of the following events happens,
the
timer
is
refreshed
and
MP2617A
and
MP2617B re-starts the charge cycle.
Input re-startup
Refresh EN
_____
/ISET signal
Auto-Recharge
Battery Temperature Monitor
The
MP2617A
and
MP2617B
continuously
monitors battery’s temperature by measuring the
voltage at the NTC pin, typically determined by a
negative
temperature
coefficient
(NTC)
thermistor and external voltage dividers, as
shown in Figure 5. Both the external voltage
divider and the internal reference voltage divider
are pulled up to the same power pin. So actually,
the voltage ratios between the internal and
external dividers are compared. For the NTC
thermistor, the hotter ambient temperature, the
lower resistance is, which corresponds to a lower
voltage ratio, vice versa.
NTC
VCC
Low Temperature
Threshold
VTH_COLD
NTC
Protection
RT2
RT1
RNTC
High Temperature
Threshold
VTH_HOT
Figure 5: NTC Protection Circuit
According to Figure 5, the following equations
are list:
TH_COLD
T2
NTC_LOW
THL
T1
T2
NTC_LOW
TH_HOT
T2
NTC_HIGH
THH
T1
T2
NTC_HIGH
V
R //R
V
=
=
VCC
R +R //R
V
R //R
V
=
=
VCC
R +R //R
VTHL
actually
means
the
low
temperature
threshold limit ratio (Cold Limit) and VTHH means
the high temperature threshold limit ratio (Hot
Limit). RNTC_LOW means the resistance of the
selected NTC thermistor under low temperature,
while RNTC_HIGH means the resistance of the
selected NTC thermistor under high temperature.
Once the external voltage ratio exits the low
temperature threshold (VTHL) to high temperature
threshold (VTHH) range, it means the battery
temperature is out of the COLD to HOT range,
the IC suspends charging and reports the NTC
fault. Charging resumes automatically after the
battery temperature is within the COLD to HOT
temperature range again. Figure 6 shows the
standard control.
Icc
Charge
Voltage
COLD
HOT
Charge
Current
VBATT_REG
Figure 6: Standard NTC Window
Thermal Protection
The
MP2617A
and
MP2617B
implements
thermal protection to prevent the thermal damage
to the IC or surrounding components. An internal
thermal
sense
and
feedback
loop
will
automatically decrease the charge current when
the die-temperature rises to about 120oC. This
function is referred as charge current thermal
fold-back. This feature protects the MP2617A
and MP2617B from excessive temperature due
to high power operation or high ambient thermal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com