Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617BGL Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 24Page - Monolithic Power Systems MP2617BGL Datasheet HTML 25Page - Monolithic Power Systems MP2617BGL Datasheet HTML 26Page - Monolithic Power Systems MP2617BGL Datasheet HTML 27Page - Monolithic Power Systems MP2617BGL Datasheet HTML 28Page - Monolithic Power Systems MP2617BGL Datasheet HTML 29Page - Monolithic Power Systems MP2617BGL Datasheet HTML 30Page - Monolithic Power Systems MP2617BGL Datasheet HTML 31Page - Monolithic Power Systems MP2617BGL Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
28
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Selecting the Input Capacitor
The
input
capacitor
C1
from
the
typical
application circuit absorbs the maximum ripple
current from the PWM converter, which is given
by
MAX
_
IN
TC
MAX
_
IN
TC
MAX
_
CC
MAX
_
RMS
V
)
V
V
(
V
I
I
(A) (11)
For
ICC_MAX=2A,
VTC=3V,
VIN_MAX=10V,
the
maximum ripple current is 1A. Select the input
capacitors so that the temperature rise due to
the ripple current does not exceed 10°C. Use
ceramic capacitors with X5R or X7R dielectrics
because
of
their
low
ESR
and
small
temperature coefficients.
For most applications, use a 10µF capacitor.
Besides, usually a small cap with at least 1uF
(C1) from IN to GND is required to be put as
much close as possible to the IC. For the input
voltage is high to 10V, consider the spike when
input insert, select the input capacitors (both the
22uF and 1uF) in 25V rating.
Selecting the Output Capacitor
The output capacitor CSYS from the typical
application circuit is in parallel with the SYS
load. CSYS absorbs the high-frequency switching
ripple current and smoothes the output voltage.
Its impedance must be much less than that of
the system load to ensure it properly absorbs
the ripple current.
Use a ceramic capacitor because it has lower
ESR and smaller size that allows us to ignore
the ESR of the output capacitor. Thus, the
output voltage ripple is given by:
%
L
f
2
C
8
V
V
1
V
V
r
2
S
IN
SYS
SYS
SYS
(12)
In order to guarantee the ±0.5% system voltage
accuracy, the maximum output voltage ripple
must
not
exceed
0.5%
(e.g.
0.1%). The
maximum output voltage ripple occurs at the
minimum system voltage and the maximum
input voltage.
The output capacitor can be calculated with
Equation (13):
SYS _ MIN
IN
SYS
2
S
V
1
V
C
8 f
L
r
  
(13)
When SYSFB pin is floating, output voltage
ripple is the main concern to select the output
capacitor (CSYS), refer to Table 5 for detail
selection guide about the SYS capacitance
selection under typical inputs.
Table 5: SYS Capacitance Selection Guide
NOTE:
6)
For different voltage rating, capacitance will have different DC bias characteristic. Suppose a general condition, capacitance drops
40% under VSYS=4.4V under 10V rating, and 50% at 6.3V rating.
SPEC
SYS Capacitance (CSYS) Selection
VIN
SYS
IN
SYS
2
S
V
1
V
C
8 f
L
r
  
Δr=0.1%
L=1
μH @VIN=5V
L=2.2
μH @VIN=9V
CSYS_MIN (μF) 6)
When SYSFB is
Floating
CSYS_MIN (μF) 6)
When SYSFB
is Programmed
Temperature
Characteristic
Package
5V
13.6
20
X5R;X7R
Application
Required
9V
13.3
20
X5R;X7R
Application
Required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com