Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617BGL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2617BGL Datasheet HTML 1Page - Monolithic Power Systems MP2617BGL Datasheet HTML 2Page - Monolithic Power Systems MP2617BGL Datasheet HTML 3Page - Monolithic Power Systems MP2617BGL Datasheet HTML 4Page - Monolithic Power Systems MP2617BGL Datasheet HTML 5Page - Monolithic Power Systems MP2617BGL Datasheet HTML 6Page - Monolithic Power Systems MP2617BGL Datasheet HTML 7Page - Monolithic Power Systems MP2617BGL Datasheet HTML 8Page - Monolithic Power Systems MP2617BGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
5
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
IN, SW ........................................ -0.3V to +20V
BATT, SYS .................................... -0.3V to +6V
BST ............................................. -0.3V to +26V
All Other Pins................................. -0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
QFN20 3mmx4mm ....................................2.6W
Junction Temperature .............................. 150
C
Lead Temperature ................................... 260
C
Storage Temperature.................
–65°C to 150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 4.0V to 10V
Operating Junction Temp. (TJ).... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-20 (3mmx4mm) ............. 48 ...... 11...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance
θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com