Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4993 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L4993
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L4993 Datasheet HTML 11Page - STMicroelectronics L4993 Datasheet HTML 12Page - STMicroelectronics L4993 Datasheet HTML 13Page - STMicroelectronics L4993 Datasheet HTML 14Page - STMicroelectronics L4993 Datasheet HTML 15Page - STMicroelectronics L4993 Datasheet HTML 16Page - STMicroelectronics L4993 Datasheet HTML 17Page - STMicroelectronics L4993 Datasheet HTML 18Page - STMicroelectronics L4993 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
L4993
Application information
15/30
3
Application information
Figure 24.
L4993 application schematic
Note:
The input capacitor Cs > 200nF is necessary for the smoothing of line disturbances. The
output capacitor C01 > 100nF is necessary for the stability of the regulation loop. In order to
damp output voltage oscillations during high load current surges, it is recommended put an
additional electrolytic capacitor C02 > 10µF at the output pin.
3.1
Voltage regulator
Voltage regulator uses a p-channel transistor as a regulating element. With this structure,
very low dropout voltage at current up to 500mA is obtained. The output voltage is regulated
up to transient input supply voltage of 40V. No functional interruption due to over-voltage
pulses is generated. A short circuit protection to GND is provided. The voltage regulator
watchdog functionality can be disabled by putting WEn low.
Figure 25.
Behavior of output current versus regulated voltage Vo
Thermal
protection
Watchdog
Reset
Voltage reference
-
+
Thermal
protection
Thermal
protection
Watchdog
Reset
Voltage reference
Voltage reference
Voltage reference
-
+
Vi
Vs
Vcw
Cs
Ctw
Wi
WEn
Vcr
Ctr
Gnd
Res
C01
C02
Vo
Vo
Vo_ref
Iout
Ishort Ilim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com