Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4993 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L4993
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L4993 Datasheet HTML 17Page - STMicroelectronics L4993 Datasheet HTML 18Page - STMicroelectronics L4993 Datasheet HTML 19Page - STMicroelectronics L4993 Datasheet HTML 20Page - STMicroelectronics L4993 Datasheet HTML 21Page - STMicroelectronics L4993 Datasheet HTML 22Page - STMicroelectronics L4993 Datasheet HTML 23Page - STMicroelectronics L4993 Datasheet HTML 24Page - STMicroelectronics L4993 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
L4993
Package and PCB thermal data
21/30
4.2
SO-20 thermal data
Figure 32.
SO-20 PC board
Note:
Layout condition of Rth and Zth measurements (PCB FR4 area= 58mm x 58mm,PCB
thickness = 2mm, Cu thickness=35
µm , Copper areas: from minimum pad lay-out to 6cm2).
Figure 33.
Rthj-amb Vs. PCB copper area in open box free air condition
50
52
54
56
58
60
62
64
66
68
70
01
2
3
45
6
7
PCB Cu heatsink area (cm^2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com