Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4993 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L4993
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L4993 Datasheet HTML 12Page - STMicroelectronics L4993 Datasheet HTML 13Page - STMicroelectronics L4993 Datasheet HTML 14Page - STMicroelectronics L4993 Datasheet HTML 15Page - STMicroelectronics L4993 Datasheet HTML 16Page - STMicroelectronics L4993 Datasheet HTML 17Page - STMicroelectronics L4993 Datasheet HTML 18Page - STMicroelectronics L4993 Datasheet HTML 19Page - STMicroelectronics L4993 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Application information
L4993
16/30
3.2
Reset
The reset circuit supervises the output voltage Vo. The Vo_th reset threshold is defined with
the in-ternal reference voltage and a resistor output divider. If the output voltage becomes
lower than Vo_th then Res goes low with a reaction time trr. The reset low signal is
guaranteed for an output voltage Vo greater than 1V.
When the output voltage becomes higher than Vo_th then Res goes high with a delay trd.
This delay is obtained by an internal oscillator.
The oscillator period is given by:
Tosc = [(Vrhth-Vrlth) x Ctr] / Icr + [(Vrhth-Vrlth) x Ctr] / Idr
where:
Icr:
is an internally generated charge current
Idr:
is an internally generated discharge current
Vrhth, Vrlth:
are two voltages defined with the output voltage and a resistor output
divider
Ctr:
is an external capacitance.
trd is given by:
trd = 512 x Tosc
Reset is active when En is high.
Figure 26.
Reset timing diagram
Wi
Vo
Vcr
Res
<
trr
trr
Tosc
trd = 512 Tosc
Vout_th
Vrhth
Vrlth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com