Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640DB Datasheet(PDF) 36 Page - STMicroelectronics

Part # M29W640DB
Description  64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640DB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M29W640DB Datasheet HTML 32Page - STMicroelectronics M29W640DB Datasheet HTML 33Page - STMicroelectronics M29W640DB Datasheet HTML 34Page - STMicroelectronics M29W640DB Datasheet HTML 35Page - STMicroelectronics M29W640DB Datasheet HTML 36Page - STMicroelectronics M29W640DB Datasheet HTML 37Page - STMicroelectronics M29W640DB Datasheet HTML 38Page - STMicroelectronics M29W640DB Datasheet HTML 39Page - STMicroelectronics M29W640DB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
M29W640DT, M29W640DB
36/49
79
64/32
Protection Group
480000h-48FFFFh
240000h–247FFFh
80
64/32
490000h-49FFFFh
248000h–24FFFFh
81
64/32
4A0000h-4AFFFFh
250000h–257FFFh
82
64/32
4B0000h-4BFFFFh
258000h–25FFFFh
83
64/32
Protection Group
4C0000h-4CFFFFh
260000h–267FFFh
84
64/32
4D0000h-4DFFFFh
268000h–26FFFFh
85
64/32
4E0000h-4EFFFFh
270000h–277FFFh
86
64/32
4F0000h-4FFFFFh
278000h–27FFFFh
87
64/32
Protection Group
500000h-50FFFFh
280000h–287FFFh
88
64/32
510000h-51FFFFh
288000h–28FFFFh
89
64/32
520000h-52FFFFh
290000h–297FFFh
90
64/32
530000h-53FFFFh
298000h–29FFFFh
91
64/32
Protection Group
540000h-54FFFFh
2A0000h–2A7FFFh
92
64/32
550000h-55FFFFh
2A8000h–2AFFFFh
93
64/32
560000h-56FFFFh
2B0000h–2B7FFFh
94
64/32
570000h-57FFFFh
2B8000h–2BFFFFh
95
64/32
Protection Group
580000h-58FFFFh
2C0000h–2C7FFFh
96
64/32
590000h-59FFFFh
2C8000h–2CFFFFh
97
64/32
5A0000h-5AFFFFh
2D0000h–2D7FFFh
98
64/32
5B0000h-5BFFFFh
2D8000h–2DFFFFh
99
64/32
Protection Group
5C0000h-5CFFFFh
2E0000h–2E7FFFh
100
64/32
5D0000h-5DFFFFh
2E8000h–2EFFFFh
101
64/32
5E0000h-5EFFFFh
2F0000h–2F7FFFh
102
64/32
5F0000h-5FFFFFh
2F8000h–2FFFFFh
103
64/32
Protection Group
600000h-60FFFFh
300000h–307FFFh
104
64/32
610000h-61FFFFh
308000h–30FFFFh
105
64/32
620000h-62FFFFh
310000h–317FFFh
106
64/32
630000h-63FFFFh
318000h–31FFFFh
107
64/32
Protection Group
640000h-64FFFFh
320000h–327FFFh
108
64/32
650000h-65FFFFh
328000h–32FFFFh
109
64/32
660000h-66FFFFh
330000h–337FFFh
110
64/32
670000h-67FFFFh
338000h–33FFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com