Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640DB Datasheet(PDF) 39 Page - STMicroelectronics

Part # M29W640DB
Description  64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640DB Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M29W640DB Datasheet HTML 35Page - STMicroelectronics M29W640DB Datasheet HTML 36Page - STMicroelectronics M29W640DB Datasheet HTML 37Page - STMicroelectronics M29W640DB Datasheet HTML 38Page - STMicroelectronics M29W640DB Datasheet HTML 39Page - STMicroelectronics M29W640DB Datasheet HTML 40Page - STMicroelectronics M29W640DB Datasheet HTML 41Page - STMicroelectronics M29W640DB Datasheet HTML 42Page - STMicroelectronics M29W640DB Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39/49
M29W640DT, M29W640DB
Table 23. CFI Query System Interface Information
Table 24. Device Geometry Definition
Address
Data
Description
Value
x16
x8
1Bh
36h
0027h
VCC Logic Supply Minimum Program/Erase voltage
bit 7 to 4BCD value in volts
bit 3 to 0BCD value in 100 mV
2.7V
1Ch
38h
0036h
VCC Logic Supply Maximum Program/Erase voltage
bit 7 to 4BCD value in volts
bit 3 to 0BCD value in 100 mV
3.6V
1Dh
3Ah
00B5h
VPP [Programming] Supply Minimum Program/Erase voltage
bit 7 to 4HEX value in volts
bit 3 to 0BCD value in 100 mV
11.5V
1Eh
3Ch
00C5h
VPP [Programming] Supply Maximum Program/Erase voltage
bit 7 to 4HEX value in volts
bit 3 to 0BCD value in 100 mV
12.5V
1Fh
3Eh
0004h
Typical timeout per single byte/word program = 2n µs
16µs
20h
40h
0000h
Typical timeout for minimum size write buffer program = 2n µs
NA
21h
42h
000Ah
Typical timeout per individual Block Erase = 2n ms
1s
22h
44h
0000h
Typical timeout for full Chip Erase = 2n ms
NA
23h
46h
0004h
Maximum timeout for byte/word program = 2n times typical
256 µs
24h
48h
0000h
Maximum timeout for write buffer program = 2n times typical
NA
25h
4Ah
0003h
Maximum timeout per individual Block Erase = 2n times typical
8s
26h
4Ch
0000h
Maximum timeout for Chip Erase = 2n times typical
NA
Address
Data
Description
Value
x16
x8
27h
4Eh
0017h
Device Size = 2n in number of bytes
8 MByte
28h
29h
50h
52h
0002h
0000h
Flash Device Interface Code description
x8, x16
Async.
2Ah
2Bh
54h
56h
0000h
0000h
Maximum number of bytes in multi-byte program or page = 2n
NA
2Ch
58h
0002h
Number of Erase Block Regions. It specifies the number of
regions containing contiguous Erase Blocks of the same size.
2
2Dh
2Eh
5Ah
5Ch
0007h
0000h
Region 1 Information
Number of Erase Blocks of identical size = 0007h+1
8
2Fh
30h
5Eh
60h
0020h
0000h
Region 1 Information
Block size in Region 1 = 0020h * 256 byte
8Kbyte
31h
32h
62h
64h
007Eh
0000h
Region 2 Information
Number of Erase Blocks of identical size= 007Eh+1
127
33h
34h
66h
68h
0000h
0001h
Region 2 Information
Block size in Region 2 = 0100h * 256 byte
64Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com