Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640DB Datasheet(PDF) 46 Page - STMicroelectronics

Part # M29W640DB
Description  64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640DB Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M29W640DB Datasheet HTML 41Page - STMicroelectronics M29W640DB Datasheet HTML 42Page - STMicroelectronics M29W640DB Datasheet HTML 43Page - STMicroelectronics M29W640DB Datasheet HTML 44Page - STMicroelectronics M29W640DB Datasheet HTML 45Page - STMicroelectronics M29W640DB Datasheet HTML 46Page - STMicroelectronics M29W640DB Datasheet HTML 47Page - STMicroelectronics M29W640DB Datasheet HTML 48Page - STMicroelectronics M29W640DB Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
M29W640DT, M29W640DB
46/49
Figure 18. In-System Equipment Group Protect Flowchart
Note: 1. Block Protection Groups are shown in APPENDIX D., Table 19. and Table 20..
2. RP can be either at VIH or at VID when using the In-System Technique to protect the Extended Block.
AI05576
WRITE 60h
ADDRESS = GROUP ADDRESS
A0 = VIL, A1 = VIH, A6 = VIL
n = 0
Wait 100µs
WRITE 40h
ADDRESS = GROUP ADDRESS
A0 = VIL, A1 = VIH, A6 = VIL
RP = VIH
++n
= 25
START
FAIL
PASS
YES
NO
DATA
=
01h
YES
NO
RP = VIH
Wait 4µs
READ DATA
ADDRESS = GROUP ADDRESS
A0 = VIL, A1 = VIH, A6 = VIL
RP = VID
ISSUE READ/RESET
COMMAND
ISSUE READ/RESET
COMMAND
WRITE 60h
ADDRESS = GROUP ADDRESS
A0 = VIL, A1 = VIH, A6 = VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com