Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3205P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP3205P
Description  55V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3205P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP3205P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP3205P
55V N-Channel Enhancement Mode MOSFET
AP3205P Rve1.0
臺灣永源微電子科技有限公司
Electrical Characteristics (TC=25℃ unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V,ID
=250μA
55
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS =55V, VGS = 0V,
TJ= 25℃
-
-
1.0
μA
VDS =44V, TC = 125℃
-
-
10
IGSS
Gate to Body Leakage Current
VDS =0V,VGS = ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250
μA
2.0
-
4.0
V
RDS(on)
Static Drain-Source on-Resistance
note2
VGS =10V, ID =30A
-
7.2
8.0
m
Ω
gFS
Forward Transconductance
VDS =20V, ID =30A
45
-
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
-
3291
-
pF
Coss
Output Capacitance
-
671.5
-
pF
Crss
Reverse Transfer Capacitance
-
112.1
-
pF
Qg
Total Gate Charge
VDD =44V, ID =30A,
VGS = 10V
-
112
-
nC
Qgs
Gate-Source Charge
-
23.2
-
nC
Qgd
Gate-D
rain(“Miller”) Charge
-
34.9
-
nC
td(on)
Turn-on Delay Time
V DD=28V, ID=30V,
RG=5
Ω, VGS =10V,
-
19.5
-
ns
tr
Turn-on Rise Time
-
50.7
-
ns
td(off)
Turn-off Delay Time
-
55
-
ns
tf
Turn-off Fall Time
-
24.6
-
ns
IS
Maximum Continuous Drain to Source Diode Forward
Current
-
-
110
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
390
A
VSD
Drain to Source Diode Forward
Voltage
VGS = 0V, IS=30A
-
-
1.3
V
trr
Reverse Recovery Time
VGS =0V, IF=30A,
di/dt=1
00A/μs
-
62.3
-
ns
Qrr
Reverse Recovery Charge
-
137
-
nC
Notes:1. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2. Pulse Test: Pulse W
idth≤300μs, Duty Cycle≤2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com