Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3205P Datasheet (PDF) - A POWER MICROELECTRONICS

AP3205P Datasheet PDF - A POWER MICROELECTRONICS
Part # AP3205P
Download  AP3205P Download
File Size   1706.78 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 55V N-Channel Enhancement Mode MOSFET

AP3205P Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3205P Datasheet PDF - A POWER MICROELECTRONICS

Part # AP3205P
Download  AP3205P Click to download

File Size   1706.78 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 55V N-Channel Enhancement Mode MOSFET

AP3205P Datasheet (HTML) - A POWER MICROELECTRONICS


AP3205P Product details

Features
- VDS =55V,ID=110A
- RDS(ON) <8.0mΩ@ VGS=10V

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP3205P

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202M-G1 BCDSEMI-AP3202M-G1 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202MTR-G1 BCDSEMI-AP3202MTR-G1 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
More results


Similar Description - AP3205P

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LIRFZ44N LRC-LIRFZ44N Datasheet
257Kb / 8P
55V N-Channel Mode MOSFET
logo
HY ELECTRONIC CORP.
HY110N06T HY-HY110N06T Datasheet
252Kb / 4P
55V / 110A N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
55V N -Channel MOSFET
IRFR4105TR UMW-IRFR4105TR Datasheet
490Kb / 7P
55V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com