Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3205P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP3205P
Description  55V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3205P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP3205P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP3205P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP3205P
55V N-Channel Enhancement Mode MOSFET
AP3205P Rve1.0
臺灣永源微電子科技有限公司
Description
The AP3205P is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS =55V,ID=110A
RDS(ON) <8.0m
Ω@ VGS=10V
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP3205P
TO-220-3L
AP3205P XXX YYYY
1000
Absolute Maximum Ratings (TC=25℃ unless otherwise specified)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
55
V
VGSS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current
TC = 25℃
110
A
TC = 100℃
80
A
IDM
Pulsed Drain Current note1
390
A
PD
Power Dissipation
TC = 25℃
200
W
RθJC
Thermal Resistance, Junction to Case
0.75
℃/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃


Similar Part No. - AP3205P

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202M-G1 BCDSEMI-AP3202M-G1 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202MTR-G1 BCDSEMI-AP3202MTR-G1 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
More results

Similar Description - AP3205P

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LIRFZ44N LRC-LIRFZ44N Datasheet
257Kb / 8P
55V N-Channel Mode MOSFET
logo
HY ELECTRONIC CORP.
HY110N06T HY-HY110N06T Datasheet
252Kb / 4P
55V / 110A N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
55V N -Channel MOSFET
IRFR4105TR UMW-IRFR4105TR Datasheet
490Kb / 7P
55V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com