Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3493B2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M3493B2
Description  CMOS 12 X 8 CROSSPOINTWITH CONTROL MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3493B2 Datasheet(HTML) 2 Page - STMicroelectronics

  M3493B2 Datasheet HTML 1Page - STMicroelectronics M3493B2 Datasheet HTML 2Page - STMicroelectronics M3493B2 Datasheet HTML 3Page - STMicroelectronics M3493B2 Datasheet HTML 4Page - STMicroelectronics M3493B2 Datasheet HTML 5Page - STMicroelectronics M3493B2 Datasheet HTML 6Page - STMicroelectronics M3493B2 Datasheet HTML 7Page - STMicroelectronics M3493B2 Datasheet HTML 8Page - STMicroelectronics M3493B2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
INPUT/OUTPUT DESCRIPTION
I/O
Symbol
Pin
Description
POWER
IVDD
40
Positive Power Supply
IVSS
20
Negative Power Supply
ADDRESS
I
AX0-AX3
4, 5, 22, 23
X Address Lines. These 4 pins are used to select one of the 12 rows of
switches. Refer to the truth table for legal address.
I
AY0-AY2
2, 24, 25
Y Address Lines. These 3 pins are used to select one of the 8 columns of
switches. Refer to the truth table for legal address.
CONTROL
I
DATA
38
This input determines if the selected switch will be turned on (closed) or off
(opened). If the pin is held high, the selected switch will be closed.
If the pin is held low, the switch will be opened.
I
STROBE
18
This pin enables whatever action is selected by the ADDRESS and DATA pins.
When the STROBE pin is held low, no switch openings or closings take place.
When the STROBE pin is held high, the switch addressed by the select lines
will be opened or closed (depending upon the state of the DATA pin)
I
RESET
3
Master Reset. This pin turns off (opens) all 96 switches. The states of the
above control lines are irreleant. This pin is active high.
DATA
I/O
X0-X11
8-13, 28-33
Analog Input/Outputs. These pins are connected to the Y0-Y7 pins in according
to the truth table.
I/O
Y0-Y7
1,15,17,19,21
35,37,39
Analog Input/Outputs. These pins are connected to the X0-X15 pins in
according to the truth table.
PIN CONNECTION (top view)
M3493B2
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com