Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3493B2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M3493B2
Description  CMOS 12 X 8 CROSSPOINTWITH CONTROL MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3493B2 Datasheet(HTML) 4 Page - STMicroelectronics

  M3493B2 Datasheet HTML 1Page - STMicroelectronics M3493B2 Datasheet HTML 2Page - STMicroelectronics M3493B2 Datasheet HTML 3Page - STMicroelectronics M3493B2 Datasheet HTML 4Page - STMicroelectronics M3493B2 Datasheet HTML 5Page - STMicroelectronics M3493B2 Datasheet HTML 6Page - STMicroelectronics M3493B2 Datasheet HTML 7Page - STMicroelectronics M3493B2 Datasheet HTML 8Page - STMicroelectronics M3493B2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STATIC ELECTRICAL CHARACTERISTICS (Tamb = 0 to 70
oC, VDD = 10V, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IS
Supply Current
Reset = VDD
1mA
CROSSPOINT
On Resistance
VIDC = 4.75V, VODC = 4.5V, See Figure 1
60
100
Ω
On Resistance Variation
10
20
Ω
Off-leakage *
All switches off VOS =VIS = 0 to VDD
± 3
µA
CONTROLS
VIL
0.8
V
VIH
2.4
V
Input Leakage *
VIN = 0 to VDD
± 3
µA
* The device is guaranteed with such limits up to 70
°C. At 25°C these limits become ± 100nA.
DYNAMIC ELECTRICAL CHARACTERISTICS
(Tamb =25
oC, CL = 50pF all input square wave rise and fall times = 10ns, VDD = 10V)
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit Fig.
CROSSPOINT
tPHL,
tPLH
Propagation Delay Time (switch on)
Signal Input to Output
RH =1k
Ω,VIS =2VPP
30
100
ns
2
Frequency Response (any switch on)
20 log (VOS/VIS) = -3dB
RH =81
Ω,VIS =2VPP,CL = 3pF
50
MHz
Sine Wave Distortion
fq = 1kHz, RH = 0.6k
Ω,VIS =8VPP
1%
Feed Through (any switches off)
fq = 10kHz, RH =1k
Ω,VIS =2VPP
-80
dB
3
Frequency for Signal Crosstalk
Attenuation of 40dB
Attenuation of 110dB
RH =1k
Ω,VIS =2VPP
1
5
MHz
kHz
4
C
Capacitance
Xn to Ground
Vn to Ground
Feed Through
fq = 1MHz, VIS = 0.1VPP
15
15
0.4
pF
C
Capacitance Logic Input to Ground
fq = 1MHz, VIS = 0.1VPP
5pF
CONTROLS (tr,tf = 10ns)
tPSN
Propagation Delay Time Strobe to
Output (switch turn-on to high level)
RL =1k
Ω,CL = 50pF
150
200
ns
5
tPZH
Data-in to Output (turn-on to high level)
150
200
ns
6
tPAN
Address to Output (turn-on to high level)
150
200
ns
7
tPSF
Propagation Delay Time Strobe to
Output (switch turn-off)
150
200
ns
5
tPZL
Data-in to Output (turn-on to low level)
150
200
ns
6
tPAF
Address to Output (turn-off)
150
200
ns
7
tS
Set-up Time Data-in to Strobe
40
ns
5
10
tH
Hold Time Data-in to Strobe
120
ns
5
10
tO
Switching Frequency
1
MHz
tW
Strobe Pulse Width
100
ns
10
tWR
Reset Pulse Width
150
ns
9
tPHZ
Reset Turn-off to Output Delay
150
200
ns
9
tAS
Address Set-up Time Address to Strobe
120
ns
10
tAH
Address Hold Time Address to Strobe
120
ns
10
Control Crosstalk Data-in, Address or
Strobe to Output
Square wave input, VIN = 3V,
RL = 10k
Ω
75
mV
8
M3493B2
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com