Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3493B2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M3493B2
Description  CMOS 12 X 8 CROSSPOINTWITH CONTROL MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3493B2 Datasheet(HTML) 3 Page - STMicroelectronics

  M3493B2 Datasheet HTML 1Page - STMicroelectronics M3493B2 Datasheet HTML 2Page - STMicroelectronics M3493B2 Datasheet HTML 3Page - STMicroelectronics M3493B2 Datasheet HTML 4Page - STMicroelectronics M3493B2 Datasheet HTML 5Page - STMicroelectronics M3493B2 Datasheet HTML 6Page - STMicroelectronics M3493B2 Datasheet HTML 7Page - STMicroelectronics M3493B2 Datasheet HTML 8Page - STMicroelectronics M3493B2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
DC supply Voltage
- 0.5, 14
V
VIN
Input Voltage Range
- 0.5, VDD + 0.5
V
Ptot
Power Dissipation
1
W
Toper
Operating Temperature Range
0, + 70
oC
Tstg
Storage Temperature Range
- 50, + 125
oC
Stresses above those l is ted under ”A bsolute Maximum Ratings” may cause per manent damage to t he devi ce. This is a st ress
r ating onl y and functional operation of the device at these or any ot her condit ions in exces s of those in dicat ed in t he operational
sections of thi s specification i s not implied. Exposure to absolute maximum rating condi ti ons f or extended peri ods may af fect
device rel iabili ty.
TRUTH TABLE
Address
Connections
AX0
AX1
AX2
AX3
AY0
AY1
AY2
0
1
0
1
0
1
0*
1*
0
1
0
1
0
1
0*
1*
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
X0 - Y0
X1 - Y0
X2 - Y0
X3 - Y0
X4 - Y0
X5 - Y0
No connection
No connection
X6 - Y0
X7 - Y0
X8 - Y0
X9 - Y0
X10 - Y0
X11 - Y0
No connection
No connection
0
↓
1
0
↓
0
0
↓
1
0
↓
1
1
↓
1
0
↓
0
0
↓
0
X0 - Y1
↓ <0> ↓
X11 - Y1
0
↓
1
0
↓
0
0
↓
1
0
↓
1
0
↓
0
1
↓
1
0
↓
0
X0 - Y2
↓↓
X11 - Y2
0
↓
1
0
↓
0
0
↓
1
0
↓
1
1
↓
1
1
↓
1
0
↓
0
X0 - Y3
↓↓
X11 - Y3
0
↓
1
0
↓
0
0
↓
1
0
↓
1
0
↓
0
0
↓
0
1
↓
1
X0 - Y4
↓↓
X11 - Y4
0
↓
1
0
↓
0
0
↓
1
0
↓
1
1
↓
1
0
↓
0
1
↓
1
X0 - Y5
↓↓
X11 - Y5
0
↓
1
0
↓
0
0
↓
1
0
↓
1
0
↓
0
1
↓
1
1
↓
1
X0 - Y6
↓↓
X11 - Y6
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
10
V
Toper
Operating Temperature
0, + 70
oC
VIN
(Logic Signal)
0, VDD
V
M3493B2
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com