Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ512-DC-R Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # EZ512-DC-R
Description  EZ Series Intelligent Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

EZ512-DC-R Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  EZ512-DC-R Datasheet HTML 1Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 2Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 3Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 4Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 5Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 6Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 7Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A-19
EZ500 Series
EZ500 Series— for controlling
small applications with up to 12
input/output signals. Models are
available with and without displays.
DIN rail mounted.
EZ512-AC-RC shown
smaller than actual size.
EZ512-DC-RC
shown smaller
than actual size.
To Order
Inputs
Outputs
24
110 to
12
24
MODEl nO.
DEsCRIptIOn
Vac
240 Vac
Vdc
Vdc AnAlOG
RElAY
EZ512-AC-R
12 I/O, no clock, display
—
8
—
—
—
4
EZ512-AC-RC
12 I/O, clock, display
—
8
—
—
—
4
EZ512-AC-RCX
12 I/O, clock, no display
—
8
—
—
—
4
EZ512-DC-R
12 I/O, no clock, display
—
—
—
8
2
4
EZ512-DC-RC
12 I/O, clock, display
—
—
—
8
2
4
EZ512-DC-RCX
12 I/O, clock, no display
—
—
—
8
2
4
Comes complete with installation guide.
Ordering Example: EZ512-AC-RCX, 12 I/O, clock, no display.
Everything Needed is Built-In
Depending on the device selected, EZ and
EZD products provide users with timing
relays, flash relays, counters, comparators,
timer switches and other ready-to-use
functions. The circuit diagram display
of serial and parallel connections, unlike
the display of AND and OR operations in
a function block diagram, offers a more
manageable display of the circuit. Every
EZ and EZD intelligent relay features an
integrated power flow display to ensure
safe operation during commissioning and
helps identify errors in the circuit diagram.
For ease-of-use, energized rungs are
highlighted, and non-energized rungs
are dimmed.
Security Means Safety
The finished circuit diagram is stored
internally and can also be saved externally on
a memory module (EEPROM) for transport,
security and backup. Multi-level password
protection secures your circuit diagram from
unauthorized viewing, editing, copying or
deleting.
l
8 Digital Inputs
l
4 Digital Inputs
l
128 Rungs of 3 Contacts
and 1 Coil Each
l
16 Operating and
Message Texts
l
2 Analog Inputs (10-Bit)
Optional (Not with
240 Vac)
l
2 High-Speed Inputs,
1 kHz (Only DC Devices)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com