Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ512-DC-R Datasheet(PDF) 4 Page - Omega Engineering, Inc.

Part # EZ512-DC-R
Description  EZ Series Intelligent Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

EZ512-DC-R Datasheet(HTML) 4 Page - Omega Engineering, Inc.

  EZ512-DC-R Datasheet HTML 1Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 2Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 3Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 4Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 5Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 6Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 7Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A-21
Comes complete with installation guide.
Ordering Example: EZD-RA17, 17 I/O.
EZD Controller I/0 Modules
Comes complete with installation guide.
Ordering Example: EZD-80-B, EZD display with buttons.
EZD Displays and CPU/Power Supply
To Order
MODEl nO.
DEsCRIptIOn
EZD-80
EZD display
EZD-80-B
EZD display with buttons
EZD-Cp8-ME
EZD CPU with 24 Vdc, power supply, clock
EZD-Cp8-nt
EZD CPU with 24 Vdc, power supply, clock, EZ-Net
EZD-AC-Cp8-ME
EZD CPU with 100 to 240 Vac, power supply, clock
EZD-AC-Cp8-nt
EZD CPU with 100 to 240 Vac, power supply, clock, EZ-Net
Inputs
Outputs
110 to
24
MODEl nO.
DEsCRIptIOn
240 Vac
Vdc
AnAlOG
RElAY
AnAlOG
EZD-AC-R16
16 I/O
12
—
—
4
—
EZD-R16
16 I/O
—
12
4
4
—
EZD-RA17
17 I/O
—
12
4
4
1
EZD80-B shown smaller
than actual size.
EZD-R16 shown smaller
than actual size.
EZD Assembly. Display + Cpu + I/O Module.
shown smaller than actual size.
EZD-Cp8-nt shown smaller
than actual size.
EZD Modular Relays
The EZD modular intelligent relays allows
you to assemble a system to meet your
exact requirements. A system consists of
the following components:
1. EZD display with or without buttons
2. CPU with or without clock; in a variety
of power configurations
3. I/O module
MODEl
EZD-AC-R16
EZD-R16
EZD-RA17
supplY VOltAGE
Supply via EZD-CP8 module
HEAt DIssIpAtIOn
0.5 W
0.5 W
0.5 W
COntInuOus CuRREnt Outputs
8 A
8 A
8 A
COnnECtIOn CABlEs
0.2 to 4.0 mm2 (AWG 22-12), solid 0.2 to 2.5 mm2
(AWG 22-12), flexible
DEGREE Of pROtECtIOns
IP20
IP20
IP20
RfI suppREssIOn
EN 55011, EN 55022 Class B, IEC 61000-6-1, 2, 3, 4
AMBIEnt OpERAtInG tEMpERAtuRE
-25 to 55°C
-25 to 55°C
-25 to 55°C
tRAnspORt AnD stORAGE tEMpERAtuRE
-40 to 70°C
-40 to 70°C
-40 to 70°C
CERtIfICAtIOn, stAnDARDs
EN 50178, IEC/EN 60947, UL, CSA
MOuntInG
Snap fitted to EZD-CP8 module
l
12 Digital Inputs
l
4 Digital Relay Outputs
l
256 Rungs of 4 Contacts
and 1 Coil Each
l
24 KB Mask Memory on a
Fully Graphical, Backlit
Display (64 x 132 Pixels)
l
4 Analog Inputs (10-Bit)
Optional (Not with 230 Vac)
l
4 High-Speed Inputs, 3/5 kHz
(Only DC Devices)
l
1 Digital Expansion or
Network Connection
l
Networkable via EZ-NET
with Up to 8 Stations
l
1 Analog Output (10-Bit)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com