Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ512-DC-R Datasheet(PDF) 5 Page - Omega Engineering, Inc.

Part # EZ512-DC-R
Description  EZ Series Intelligent Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

EZ512-DC-R Datasheet(HTML) 5 Page - Omega Engineering, Inc.

  EZ512-DC-R Datasheet HTML 1Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 2Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 3Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 4Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 5Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 6Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 7Page - Omega Engineering, Inc. EZ512-DC-R Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A-22
ExpanSion ModulES
Comes complete with installation guide and EZ-LINK-DS to connect expansion module to intelligent relay.
Ordering Example: EZ618-AC-RE, 18 I/O expansion.
To Order
Inputs
Outputs
110 to
24
MODEl nO.
DEsCRIptIOn
240 Vac
Vdc
RElAY
EZ202-RE
2 I/O expansion
—
—
2
EZ618-AC-RE
18 I/O expansion
12
—
6
EZ618-DC-RE
18 I/O expansion
—
12
6
EZ618-DC-RE shown
conected to EZ820-DC-RC
(see page A-20), shown
smaller than actual size.
Expansion modules are available for
increasing the input/output of the EZ700/800
and EZD intelligent relays to 24 inputs and up
to 16 outputs. Expansion modules can
be mounted directly to the EZ/EZD unit.
MODEl
EZ202-RE
EZ618-AC-RE
EZ618-DC-RE
supplY VOltAGE
—
100 to 240 Vac
24 Vac
HEAt DIssIpAtIOn
1 W
10 VA
4 W
COntInuOus CuRREnt Outputs
8 A
8 A
8 A
COnnECtIOn CABlEs
0.2 to 4.0 mm2 (AWG 22-12), solid 0.2 to 2.5 mm2
(AWG 22-12), flexible
DEGREE Of pROtECtIOns
IP 20
IP 20
IP 20
RfI suppREssIOn
EN 55011, EN 55022 Class B, IEC 61000-6-1,2,3,4
AMBIEnt OpERAtInG tEMpERAtuRE
-25 to 55°C
-25 to 55°C
-25 to 55°C
tRAnspORt AnD stORAGE tEMpERAtuRE
-40 to 70°C
-40 to 70°C
-40 to 70°C
CERtIfICAtIOn, stAnDARDs
EN 50178, IEC/EN 60947, UL, CSA
MOuntInG
On top-hat rail to DIN 50022, 35 mm or
screw mounting with EZB4-101-GF1 fixing brackets
MODEl nO.
DEsCRIptIOn
EZ-pC-CAB
EZ500/700 to PC cable
EZ800-pC-CAB
EZ800/EZD to PC cable
EZ200-pOW
Power supply, 100-240 Vac input to 24 Vdc at 250 mA
EZ400-pOW
Power supply, 100-240 Vac input to 24 Vdc at 1.25 A
EZ-M-32K
EZ500/700 32 K program storage module
EZ-M-256K
EZ800/EZD 256 K program storage module
Accessories



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com