Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85C82 Datasheet(PDF) 3 Page - Microchip Technology

Part # 85C82
Description  1K/2K/4K 5.0V CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

85C82 Datasheet(HTML) 3 Page - Microchip Technology

  85C82 Datasheet HTML 1Page - Microchip Technology 85C82 Datasheet HTML 2Page - Microchip Technology 85C82 Datasheet HTML 3Page - Microchip Technology 85C82 Datasheet HTML 4Page - Microchip Technology 85C82 Datasheet HTML 5Page - Microchip Technology 85C82 Datasheet HTML 6Page - Microchip Technology 85C82 Datasheet HTML 7Page - Microchip Technology 85C82 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 1995 Microchip Technology Inc.
DS11182C-page 3
85C72/82/92
TABLE 1-3:
AC CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Remarks
Clock frequency
FCLK
—
—
100
kHz
Clock high time
THIGH
4000
—
—
ns
Clock low time
TLOW
4700
—
—
ns
SDA and SCL rise time
TR
—
—
1000
ns
SDA and SCL fall time
TF
—
—
300
ns
START condition hold time
THD:STA
4000
—
—
ns
After this period the first
clock pulse is generated
START condition setup time
TSU:STA
4700
—
—
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0—
—
ns
Data input setup time
TSU:DAT
250
—
—
ns
Data output delay time
TPD
300
—
3500
ns
Note 1
STOP condition setup time
TSU:STO
4700
—
—
ns
Bus free time
TBUF
4700
—
—
ns
Time the bus must be free
before a new transmission
can start
Input filter time constant
(SDA and SCL pins)
TI
—
—
100
ns
Program cycle time
TWC
—.4
.4N
1
N
ms
ms
Byte Mode
Page Mode, N = # of bytes
to be written
Note 1: As transmitter the device must provide this internal minimum delay time to bridge the undefined region (min-
imum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
FIGURE 1-2:
BUS TIMING DATA
SU:STA
t
HD:STA
t
F
t
LOW
t
HIGH
t
R
t
SU:STO
t
BUF
t
t
AA
t
SDA
OUT
SDA
IN
SCL
HD:DAT
t
SU:DAT
t
AA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com