Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85C82 Datasheet(PDF) 1 Page - Microchip Technology

Part # 85C82
Description  1K/2K/4K 5.0V CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

85C82 Datasheet(HTML) 1 Page - Microchip Technology

  85C82 Datasheet HTML 1Page - Microchip Technology 85C82 Datasheet HTML 2Page - Microchip Technology 85C82 Datasheet HTML 3Page - Microchip Technology 85C82 Datasheet HTML 4Page - Microchip Technology 85C82 Datasheet HTML 5Page - Microchip Technology 85C82 Datasheet HTML 6Page - Microchip Technology 85C82 Datasheet HTML 7Page - Microchip Technology 85C82 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1995 Microchip Technology Inc.
DS11182C-page 1
FEATURES
• Low power CMOS technology
• Two wire serial interface bus, I2C™ compatible
• 5 volt only operation
• Self-timed write cycle (including auto-erase)
• Page-write buffer
• 1ms write cycle time for single byte
• 1,000,000 ERASE/WRITE cycles guaranteed
• Data retention >200 years
• 8-pin DIP or SOIC package
• Available for extended temperature ranges:
- Commercial: 0˚C to +70˚C
- Industrial: -40˚C to +85˚C
- Automotive: -40˚C to +125˚C
DESCRIPTION
The Microchip Technology Inc. 85C72/82/92 is a 1K/
2K/4K bit Electrically Erasable PROM. The device is
organized as shown with a two wire serial interface.
Advanced CMOS technology allows a significant
reduction in power over NMOS serial devices.
The
85C72/82/92 also has a page-write capability for up to
8 bytes of data (see chart). Up to eight 85C72/82/92s
may be connected to the two wire bus. The 85C72/82/
92 is available in standard 8-pin DIP and surface mount
SOIC packages.
85C72
85C82
85C92
Organization
128 x 8
256 x 8
2 x 256 x 8
Page Write
Buffer
2 Bytes
2 Bytes
8 Bytes
PACKAGE TYPE
BLOCK DIAGRAM
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
V
NC
SCL
SDA
CC
1
2
3
4
8
7
6
5
V
NC
SCL
SDA
CC
A0
A1
A2
VSS
NC
SS
CC
A0
A1
NC
A2
NC
V
1
2
3
4
5
6
7
14
13
12
NC
SCL
SDA
NC
9
8
11
10
V
NC
NC
DIP
8-lead
SOIC
14-lead
SOIC
85C72
85C82
85C92
85C72
85C82
85C92
85C92
R/W AMP
VPP
A
D
D
R
E
S
S
P
O
I
N
T
E
R
MEMORY
ARRAY
SLAVE ADR.
DATA REG.
DATA
BUFFER
(FIF0)
CONTROL
LOGIC
SDA
VCC
VSS
SCL
A0
A2
A0 to
A7
INCREMENT
A1
85C72/82/92
1K/2K/4K 5.0V CMOS Serial EEPROM
I2C is a trademark of Philips Corporation


Similar Part No. - 85C82

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
85C TEC-85C Datasheet
218Kb / 5P
Weldable and Threaded Process Fittings
logo
Vishay Siliconix
85C15 VISHAY-85C15 Datasheet
108Kb / 6P
Zener Diodes
25-Nov-2021
logo
Intel Corporation
85C220 INTEL-85C220 Datasheet
948Kb / 18P
FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
85C220-100 INTEL-85C220-100 Datasheet
948Kb / 18P
FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
85C220-66 INTEL-85C220-66 Datasheet
948Kb / 18P
FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
More results

Similar Description - 85C82

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com