Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85C82 Datasheet(PDF) 2 Page - Microchip Technology

Part # 85C82
Description  1K/2K/4K 5.0V CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

85C82 Datasheet(HTML) 2 Page - Microchip Technology

  85C82 Datasheet HTML 1Page - Microchip Technology 85C82 Datasheet HTML 2Page - Microchip Technology 85C82 Datasheet HTML 3Page - Microchip Technology 85C82 Datasheet HTML 4Page - Microchip Technology 85C82 Datasheet HTML 5Page - Microchip Technology 85C82 Datasheet HTML 6Page - Microchip Technology 85C82 Datasheet HTML 7Page - Microchip Technology 85C82 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
85C72/82/92
DS11182C-page 2
© 1995 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC........................................................................ 7.0V
All inputs and outputs w.r.t. VSS .... -0.6V to VCC +1.0V
Storage temperature ...........................-65˚C to +150˚C
Ambient temp. with power applied ......-65˚C to +125˚C
Soldering temperature of leads (10 seconds) ...+300˚C
ESD protection on all pins..................................... 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
A0, A1, A2
Chip Address Inputs
VSS
Ground
SDA
Serial Address/Data Input/Output
SCL
Serial Clock
NC
No Connect
VCC
+5V Power Supply
TABLE 1-2:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
VCC = +5V (10%)
Commercial
(C):
Tamb = 0˚C to +70˚C
Industrial
(I):
Tamb = -40˚C to +85˚C
Automotive
(E):
Tamb = -40˚C to 125˚C
Parameter
Symbol
Min
Max
Units
Conditions
VCC detector threshold
VTH
2.8
4.5
V
SCL and SDA pins:
High level input voltage
VIH
VCC x 0.7
VCC + 1
V
Low level input voltage
VIL
-0.3
VCC X 0.3
V
Low level output voltage
VOL
0.4
V
IOL = 3.2 mA (SDA 0nly)
A0, A1 & A2 pins:
HIgh level input voltage
VIH
VCC - 0.5 VCC + 0.5
V
Low level input voltage
VIL
-0.3
0.5
V
Input leakage current
ILI
—10
µAVIN = 0V TO Vcc
Output leakage current
ILO
—10
µAVOUT = 0V TO Vcc
Pin capacitance
(all inputs/outputs)
CIN,
COUT
—
7.0
pF
VIN/VOUT = 0V (Note 1)
Tamb = +25˚C, f = 1 MHz
Operating current
read cycle
ICCO
ICCR
—
—
3.5
4.25
750
mA
mA
µA
FCLK = 100 kHz, program cycle time = 1 ms,
VCC = 5V, Tamb = 0˚C to +70˚C
FCLK = 100 kHz, program cycle time = 1 ms,
VCC = 5V, Tamb = (I) and (E)
VCC = 5V, Tamb = (C), (I) and (E)
Standby current
ICCS
—
100
µA
SDA=SCL=VCC=5V (no PROGRAM active)
Note 1: This parameter is periodically sampled and not 100% tested.
SCL
SDA
START
STOP
TSU:STA
THD:STA
TSU:STO
VHYS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com