Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080MN Datasheet(PDF) 8 Page - STMicroelectronics

Part # M35080MN
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080MN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M35080MN Datasheet HTML 4Page - STMicroelectronics M35080MN Datasheet HTML 5Page - STMicroelectronics M35080MN Datasheet HTML 6Page - STMicroelectronics M35080MN Datasheet HTML 7Page - STMicroelectronics M35080MN Datasheet HTML 8Page - STMicroelectronics M35080MN Datasheet HTML 9Page - STMicroelectronics M35080MN Datasheet HTML 10Page - STMicroelectronics M35080MN Datasheet HTML 11Page - STMicroelectronics M35080MN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
M35080
8/18
Figure 8. Write Enable Latch Sequence
C
D
AI01794
S
Q
2
1
34567
HIGH IMPEDANCE
0
Figure 9. Byte Write Operation Sequence
Note: 1. The most significant address bits, A15-A10, are treated as Don’t Care.
C
D
AI01795
S
Q
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
HIGH IMPEDANCE
INSTRUCTION
16 BIT ADDRESS
0
765432
0
1
DATA BYTE
31
as shown in Figure 9, otherwise the write process
is cancelled. As soon as the memory device is de-
selected, the self-timed internal write cycle is initi-
ated. While the write is in progress, the status
register may be read to check the status of the SR-
WD, BP1, BP0, WEL and WIP bits. In particular,
WIP contains a ‘1’ during the self-timed write cy-
cle, and a ‘0’ when the cycle is complete, (at which
point the write enable latch is also reset).
Write Data In the Incremental Registers
Due to the special control on the first page of the
memory, the byte write operation is not usable on
the first 32 bytes. Instead, the WRINC instruction
must be used, the timing of which is shown in Fig-
ure 10.
Prior to any write attempt, the write enable latch
must be set by issuing the WREN instruction. First
the device is selected (by taking S low) and a seri-
al WREN instruction is issued. Then the device is
deselected, by taking S high for at least tSHSL. The
device sets the write enable latch, and remains in
its stand-by state, until it is deselected. Then the
write state is entered by selecting the chip, by tak-
ing S low. The WRINC instruction is issued, and
the address is sent (always an even address, with
A0=0) along with two bytes of data. The Chip Se-
lect input (S) must remain low for the entire dura-
tion of the operation.
The device must be deselected just after the
eighth bit of the second data byte has been
latched in. Otherwise, the write process is can-
celled. As a further protection, the WRINC instruc-
tion is cancelled if its duration is not exactly equal
to 40 clock pulses.
As soon as the device is deselected, the self-timed
write cycle is initiated. While the write is in
progress, the status register may be read, to check
the values of the UV, INC, BP1, BP0, WEL and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com