Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080MN Datasheet(PDF) 11 Page - STMicroelectronics

Part # M35080MN
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080MN Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M35080MN Datasheet HTML 7Page - STMicroelectronics M35080MN Datasheet HTML 8Page - STMicroelectronics M35080MN Datasheet HTML 9Page - STMicroelectronics M35080MN Datasheet HTML 10Page - STMicroelectronics M35080MN Datasheet HTML 11Page - STMicroelectronics M35080MN Datasheet HTML 12Page - STMicroelectronics M35080MN Datasheet HTML 13Page - STMicroelectronics M35080MN Datasheet HTML 14Page - STMicroelectronics M35080MN Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
M35080
POWER ON STATE
After power-on, the memory device is in the follow-
ing state:
– low power stand-by state
– deselected (after power-on, a high-to-low transi-
tion is required on the S input before any opera-
tions can be started).
– the WEL bit is reset
– the SRWD, BP1 and BP0 bits of the status reg-
ister are unchanged from the previous power-
down (they are non-volatile bits).
INITIAL DELIVERY STATE
The device is delivered with the memory array in a
fully erased state. With the exception of the first 32
bytes, all data bits are set to ‘1’, and hence all data
bytes are at FFh. The first 32 bytes are set to all
‘0’s, and hence the first 16 words at 0000h.
The status register bits are initialized to ‘0’, except
for bit b4, which is set to ‘1’, as shown in Table 8.
Figure 12. Page Write Operation Sequence
Note: 1. The most significant address bits, A15-A10, are treated as Don’t Care.
2. The number of clock pulses must be a multiple of 8. Otherwise, the write is aborted.
C
D
AI01796
S
34
33
35 36 37 38 39 40 41 42
44 45 46 47
32
C
D
S
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
INSTRUCTION
16 BIT ADDRESS
0
765432
0
1
DATA BYTE 1
31
43
765432
0
1
DATA BYTE 2
765432
0
1
DATA BYTE 3
65432
0
1
DATA BYTE N
Table 8. Initial Status Register Format
b7
b0
0
0
0
1
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com