Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080MN Datasheet(PDF) 6 Page - STMicroelectronics

Part # M35080MN
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080MN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M35080MN Datasheet HTML 2Page - STMicroelectronics M35080MN Datasheet HTML 3Page - STMicroelectronics M35080MN Datasheet HTML 4Page - STMicroelectronics M35080MN Datasheet HTML 5Page - STMicroelectronics M35080MN Datasheet HTML 6Page - STMicroelectronics M35080MN Datasheet HTML 7Page - STMicroelectronics M35080MN Datasheet HTML 8Page - STMicroelectronics M35080MN Datasheet HTML 9Page - STMicroelectronics M35080MN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
M35080
6/18
(SRWD, BP0, BP1) become frozen at a constant
value. The updated value of these bits becomes
available when a new RDSR instruction is execut-
ed, after completion of the write cycle. On the oth-
er hand, the two read-only bits (WEL, WIP) are
dynamically updated during internal write cycles.
Using this facility, it is possible to poll the WIP bit
to detect the end of the internal write cycle.
The Comparator bit (INC) indicates if the new val-
ue written in the 16 first word is lower ‘1’ or higher
‘0’ than the previous stored value.
The UV bit indicates if the memory chip has been
erased.
Write Status Register (WRSR)
The format of the WRSR instruction is shown in
Figure 7. After the instruction and the eight bits of
the status register have been latched-in, the inter-
nal Write cycle is triggered by the rising edge of
the S line. This must occur after the falling edge of
the 16th clock pulse, and before the rising edge of
the 17th clock (as indicated in Figure 7), otherwise
the internal write sequence is not performed.
The WRSR instruction is used for the following:
s
to select the size of memory area that is to be
write-protected
s
to select between SPM (Software Protected
Mode) and HPM (Hardware Protected Mode).
The size of the write-protection area applies equal-
ly in SPM and HPM. The BP1 and BP0 bits of the
status register have the appropriate value (see Ta-
ble 7) written into them after the contents of the
protected area of the EEPROM have been written.
The initial delivery state of the BP1 and BP0 bits is
00, indicating a write-protection size of 0.
Figure 7. WRSR: Write Status Register Sequence
C
D
AI01797
S
Q
2
1
3456789 10 11 12 13 14 15
HIGH IMPEDANCE
INSTRUCTION
STATUS REG.
0
765432
0
1
MSB
Figure 6. RDSR: Read Status Register Sequence
C
D
S
2
1
3456789 10 11 12 13 14 15
INSTRUCTION
0
AI02031
Q
7
6543210
STATUS REG. OUT
HIGH IMPEDANCE
MSB
7
6543210
STATUS REG. OUT
MSB
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com