Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRA15W-R1 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # BRA15W-R1
Description  DC-DC Converters (1.5kVdc Isolation) 15W to 60W DIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

BRA15W-R1 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  BRA15W-R1 Datasheet HTML 1Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 2Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 3Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 4Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 5Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Electrical Specification @ 25oC (For BUA15 Op: -40oC to +71oC)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Output Current (mA)
Input Current (mA)
Eff .(%)
Capacitive Load,
max. (uF)
Min. Load
Full. Load
No Load
Full Load
BUA15-24S1L
18~36V
Nominal:24Vdc
5.1
95
3000
6
768
83
10000
BUA15-24S2L
12
10
1250
10
727
86
1700
BUA15-24D3L
±15
0
±500
36
727
86
220
Electrical Specification @ 25oC (For BRA15 Op: -40oC to +85oC)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Output Current (mA)
Input Current (mA)
Eff .(%)
Capacitive Load,
max. (uF)
Min. Load
Full. Load
No Load
Full Load
BRA15-24S1W
9~36V
Nominal:24Vdc
5
0
3000
55
710
88
6000
BRA15-24S2W
12
44
1300
56
747
87
2000
BRA15-48S1W
18~75V
Nominal:48Vdc
5
0
3000
24
351
89
6000
Electrical Specification @ 25oC (For BRA20 Op: -40oC to +85oC)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Output Current (mA)
Input Current (mA)
Eff .(%)
Capacitive Load,
max. (uF)
Min. Load
Full. Load
No Load
Full Load
BRA20-48S2W
18~75V
Nominal:48V
12
0
1670
38
464
90
3300
Electrical Specification @ 25oC (For BUB20 Op: -40oC to +85oC)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Output Current (mA)
Input Current (mA)
Eff .(%)
Capacitive Load,
max. (uF)
Min. Load
Full. Load
No Load
Full Load
BUB20-24S2W
9~36V
Nominal:24V
12
53
1670
23
960
87
3360
DC-DCConverters(1.5kVdcIsolation)15Wto60WDIP
BRAxx/BUAxx/BUBxx/BUCxx/BWCxx- series
1
PulseElectronics.com
DC007.A (06/23)
Input Voltage Range: 9-16V, 9-36V, 18-36V and 18-75V
Output Voltage Range: 5V to 24V, Single and Dual (+/-Vout)
Power Level: 15W to 60W
Isolation: 1.5kVdc
Efficiency : up to 90% , no heatsinks required
Operating Temperature Range: -40oC to +85oC
Additional Features:
IEC/EN 62368-1 Approved
Low Ripple and Noise,
Output Short Circuit protection
Remote On/Off control, Thermal Shut-Down


Similar Part No. - BRA15W-R1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BRA15W-SERIES BOTHHAND-BRA15W-SERIES Datasheet
720Kb / 7P
Isolated DC-DC Converters
More results

Similar Description - BRA15W-R1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LTW WALL-LTW Datasheet
121Kb / 4P
15W DC/DC Power Converters
logo
MicroPower Direct, LLC
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
Compact , 15W Ultra-High Isolation DC/DC Converters
logo
Toppower Electronic Tec...
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15AS TOPPOWER-TP15AS Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP15DB TOPPOWER-TP15DB_17 Datasheet
400Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15AC TOPPOWER-TP15AC Datasheet
741Kb / 3P
15W 4KVAC Isolation Wide Input AC/DC Converters
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DB TOPPOWER-TP15DB_V01 Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com