Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRA15W-R1 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # BRA15W-R1
Description  DC-DC Converters (1.5kVdc Isolation) 15W to 60W DIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

BRA15W-R1 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  BRA15W-R1 Datasheet HTML 1Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 2Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 3Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 4Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 5Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Specification @ 25oC (For BRA30 Op: -40oC to +85oC)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Output Current (mA)
Input Current (mA)
Eff .(%)
Capacitive Load,
max. (uF)
Min. Load
Full. Load
No Load
Full Load
9~36V
Nominal:24V
Electrical Specification @ 25oC (For BUC30 Op: -40oC to +85oC)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Output Current (mA)
Input Current (mA)
Eff .(%)
Capacitive Load,
max. (uF)
Min. Load
Full. Load
No Load
Full Load
BUC30-12S1
9~18V
Nominal:12V
5.1
0
6000
150
3000
85
33000
BUC30-24S2
18~36V
Nominal:24V
12
50
2500
85
1389
90
4700
BUC30-24D2
±12
±50
±1250
50
1389
90
2200
Electrical Specification @ 25oC (For BWC40 Op: -40oC to +85oC)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Output Current (mA)
Input Current (mA)
Eff .(%)
Capacitive Load,
max. (uF)
Min. Load
Full. Load
No Load
Full Load
BWC40-24S1W-T0
9~36V
Nominal:24V
5
0
8000
60
1873
89
4700
BWC40-24S2W-T0
12
0
3350
20
1925
87
1200
BWC40-24S5W-T0
24
0
1670
20
1898
88
133
Electrical Specification @ 25oC (For BWC60 Op: -40oC to +85oC)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Output Current (mA)
Input Current (mA)
Eff .(%)
Capacitive Load,
max. (uF)
Min. Load
Full. Load
No Load
Full Load
BWC60-24S2T1
18~36V
Nominal:24V
12
0
5000
40
2778
90
2200
BWC60-24S3T1
15
0
4000
40
2778
90
1000
Process and Materials
1. Storage Temperature: -55oC to +125oC
2. Compliance to J-STD:
A.J-STD-002: Solderability of Dipping at 255~260oC
B.J-STD-020: Moisture Sensitive Level 1
3. All parts are packaged in tubes - see pages 5 and 6 for details
4. For full electrical characteristics, curves and applications, please refer to the
detailed spec
ification sheets available on request
5. Lead Frame: Cooper Alloy
Underplated: Half Hard Ductile Nickel 40-118" (1.0 -3.0um)
Over plated: 100% Tin electro-deposited per 240~400u"Min(6~10um)
Finish: Matte finish 100% Tin solder
2
PulseElectronics.com
BRA30-24S1W
5
0
6000
10
1420
88
10200
DC007.A (06/23)
DC-DCConverters(1.5kVdcIsolation)15Wto60WDIP
BRAxx/BUAxx/BUBxx/BUCxx/BWCxx- series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com