Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRA15W-R1 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # BRA15W-R1
Description  DC-DC Converters (1.5kVdc Isolation) 15W to 60W DIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

BRA15W-R1 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  BRA15W-R1 Datasheet HTML 1Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 2Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 3Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 4Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 5Page - Pulse A Technitrol Company BRA15W-R1 Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Mechanical
BUA15-XXXXL
PIN Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3 +Vout
+Vout
4 No Pin Common
5
-Vout
-Vout
BRA15/20xxxxW/-R1
PIN
Single
1
+Vin
2
-Vin
3
+Vout
4
Trim
5
-Vout
6
Remote On/Off
(optional)
BUB20-xxxxW
PIN
Single
1
+Vin
2
-Vin
3
+Vout
4
Trim
5
-Vout
6
Remote On/Off
(optional)
BRA15W/BRA15W-R1/BRA20W
BUB20W
BUA15L
Unit: mm (inch
for reference only)
Pin Section tolerances +/-0.1
General tolerances +/-0.5(
3
PulseElectronics.com
Unit: mm (inch
for reference only)
Pin Section tolerances +/-0.1
General tolerances +/-0.5(
Unit: mm (inch
for reference only)
Pin Section tolerances +/-0.1
General tolerances +/-0.5(
DC007.A (06/23)
DC-DCConverters(1.5kVdcIsolation)15Wto60WDIP
BRAxx/BUAxx/BUBxx/BUCxx/BWCxx- series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com