Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS32S2 Datasheet(PDF) 21 Page - K.A. Schmersal GmbH & Co. KG

Part # ESS32S2
Description  Command and signalling devices
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

ESS32S2 Datasheet(HTML) 21 Page - K.A. Schmersal GmbH & Co. KG

Back Button ESS32S2 Datasheet HTML 17Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 18Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 19Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 20Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 21Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 22Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 23Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 24Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 25Page - K.A. Schmersal GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
21
Command and signalling devices – E program
Maintained selector switches and spring return selector switches
Type
Maintained and
momentary positions
Positions
Actuator
A
B
C
Type designation
Selector switch
2 maintained positions
70°
0
I
Short toggle
28
22.3
29.5
EWS21
Long toggle
EWS21.1
70°
Rectangular
actuator
6
30.5
36
EWS21DB
EWS21ÖBB
3 maintained positions
0
55°
55°
Short toggle
28
22.3
29.5
EWS32
Long toggle
EWS32,1
55°
55°
Rectangular
actuator
6
30.5
36
EWS32DB
EWS32ÖBB
Selector switch
1 momentary position
and automatic return
to the zero position
55°
0
I
Short toggle
28
22.3
29.5
EWT21
Long toggle
EWT21.1
55°
Rectangular
actuator
6
30.5
36
EWT21DB
EWT21ÖBB
1 momentary position
each to the right and
left of the zero position
0
35°
35°
I
II
Short toggle
28
22.3
29.5
EWT32
Long toggle
EWT32.1
35°
35°
Rectangular
actuator
6
30.5
36
EWT32DB
EWT32ÖBB
Maintained
spring-return
rotary selector
switch
Maintained position
to left and momentary
position to right
0
55°
35°
II
Short toggle
28
22.3
29.5
EWTS32
Long toggle
EWTS32.1
Maintained position on
right and momentary
position on left
0
35°
55°
I
Short toggle
6
30.5
36
EWTS321
Long toggle
EWTS321.1
➀
Toggle length:
If you want a long toggle, append a "1" to the type designation.
All dimensions in mm.
Key
A
Height
Height of command device in front of the front panel
B
Mounting-Ø
Installation diameter for the command device head
C
Key Ø
Width of command device head



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com