Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS32S2 Datasheet(PDF) 40 Page - K.A. Schmersal GmbH & Co. KG

Part # ESS32S2
Description  Command and signalling devices
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

ESS32S2 Datasheet(HTML) 40 Page - K.A. Schmersal GmbH & Co. KG

Back Button ESS32S2 Datasheet HTML 36Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 37Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 38Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 39Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 40Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 41Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 42Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 43Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 44Page - K.A. Schmersal GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 124 page
background image
40
Command and signalling devices – N program
Special devices
■ NWSE..K
■ NDAN6
Key Features
General description
Step selector switch
Potentiometer drive
Area of Application
Food, hygiene and outdoor
applications
Food, hygiene and outdoor
applications
Mounting-Ø
22.3 mm
22.3 mm
Housing material
Material of operating element
Thermoplastic
Thermoplastic
Material front ring
ABS, chrome-plated
ABS, chrome-plated
Technical features
Electrical data
Cam-operated switch
Kraus & Naimer Series CA10
−
Contacts
One NO contact per stage
−
Insulation voltage Ui
690V
−
Utilisation category AC-15
220 V…240 V / 5 A,
380 V…440 V / 4 A
−
Rated impulse withstand voltage. Uimp
6 kV
−
Rated continuous current Ithe
20 A
−
Fuse rating
gG 25 A
−
Cable section:
max. 2 x 2.5 mm² *
−
Mechanical data
Colour
Operating element
Front ring
Silver
Silver
Front panel thickness
1 … 6 mm
1 … 6 mm
Maintained switching positions
3 … 12 positions
Infinite
Mounting
Integrated mounting plate
■
■
Mounting position
any
any
Ambient conditions
Ambient temperatures
0 °C … +60 °C
0 °C … +75 °C
IP protection class (device head)
IP69K
IP69K
Safety classification
Standards
IEC 60947-3 (VDE 0660 Part 107)
−
Mechanical life
Load-dependent
−
Certificates
* Use copper conductors only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com