Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS32S2 Datasheet(PDF) 39 Page - K.A. Schmersal GmbH & Co. KG

Part # ESS32S2
Description  Command and signalling devices
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

ESS32S2 Datasheet(HTML) 39 Page - K.A. Schmersal GmbH & Co. KG

Back Button ESS32S2 Datasheet HTML 35Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 36Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 37Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 38Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 39Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 40Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 41Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 42Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 43Page - K.A. Schmersal GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
39
Command and signalling devices – N program
Main switches
Type
Series Description
A
B
C
Type designation
Material
number
Main
switches
NHS16
16 A,
2-pole
Standard
With black grip
29
22.3
70 x 80
NHS16/2-POL
101204196
Emergency
stop
With red grip + yellow background
29
22.3
Ø 100
NHSNH16/2-POL
101209839
16 A,
4-pole
Standard
With black grip
29
22.3
70 x 80
NHS16/4-POL
103002746
Emergency
stop
With red grip + yellow background
29
22.3
Ø 100
NHSNH16/4-POL
103002747
NHS40 40 A,
3-pole
Standard
With black grip
29
22.3
110 x 110
NHS40
101185098
Emergency
stop
With red grip + yellow background
29
22.3
110 x 110
NHSNH40
101185097
NHS63 63 A,
3-pole
Standard
With black grip
29
22.3
110 x 110
NHS63
101184920
Emergency
stop
With red grip + yellow background
29
22.3
110 x 110
NHSNH63
101184919
All dimensions in mm.
Key
A
Height
Height of command device in front of the front panel
B
Mounting-Ø
Installation diameter for the command device head
C
Panel size
Dimensions of panel (if present)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com