Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMIK028 Datasheet(PDF) 1 Page - Microchip Technology

Part # TMIK028
Description  PIC24FJ256GA7 Curiosity Development Boar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TMIK028 Datasheet(HTML) 1 Page - Microchip Technology

  TMIK028 Datasheet HTML 1Page - Microchip Technology TMIK028 Datasheet HTML 2Page - Microchip Technology TMIK028 Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: DM240016- PIC24FJ256GA7 Curiosity Development Boar
Overview:
The PIC24FJ256GA7 Curiosity Development
development platform targeted at first
prototyping board. Designed from the ground
and MPLAB Xpress Cloud-based IDE, the board includes an integrated programmer/debugger and
requires no additional hardware, making it a perfect starting point to explore the latest low
eXtreme Low Power (XLP) 16-bit PIC24FJ256GA705 family of Microcontrolle
The PIC24FJ256GA7 Curiosity Board enables easy and faster adoption of low
PIC24FJ256GA705 family of microcontrollers
256KB of ECC flash and 16KB of RAM, is ideally suited for low power general purpose applications.
The layout and external connections of PIC24FJ256GA7 Curiosity board offer unparalleled access to
the Core Independent Peripherals (CIPs) such
integrate various system functions onto a single MCU, simplifying the design and keeping system
power consumption and BOM cost low.
PIC24FJ256GA7 Curiosity Development Board
The PIC24FJ256GA7 Curiosity Development Board is a cost-effective, fully integrated 16
development platform targeted at first-time users, makers, and those seeking a feature
prototyping board. Designed from the ground-up to take full advantage of Microchip’s MPLAB® X IDE
based IDE, the board includes an integrated programmer/debugger and
requires no additional hardware, making it a perfect starting point to explore the latest low
bit PIC24FJ256GA705 family of Microcontrollers.
The PIC24FJ256GA7 Curiosity Board enables easy and faster adoption of low-cost XLP 16
PIC24FJ256GA705 family of microcontrollers. PIC24FJ256GA705 microcontroller featuring up to
RAM, is ideally suited for low power general purpose applications.
The layout and external connections of PIC24FJ256GA7 Curiosity board offer unparalleled access to
the Core Independent Peripherals (CIPs) such as CLC, MCCP and DMA. These CIPs enable the user to
integrate various system functions onto a single MCU, simplifying the design and keeping system
power consumption and BOM cost low.
effective, fully integrated 16-bit
time users, makers, and those seeking a feature-rich rapid
up to take full advantage of Microchip’s MPLAB® X IDE
based IDE, the board includes an integrated programmer/debugger and
requires no additional hardware, making it a perfect starting point to explore the latest low-cost and
16-bit
eaturing up to
RAM, is ideally suited for low power general purpose applications.
The layout and external connections of PIC24FJ256GA7 Curiosity board offer unparalleled access to
as CLC, MCCP and DMA. These CIPs enable the user to
integrate various system functions onto a single MCU, simplifying the design and keeping system


Similar Part No. - TMIK028

ManufacturerPart #DatasheetDescription
logo
Toll Microelectronic
TMI3252 TOLL-TMI3252 Datasheet
894Kb / 15P
600kHz 18V 2A Synchronous COT Step-Down Converter
Rev. 0.1 - 2019.02
TMI3252S TOLL-TMI3252S Datasheet
894Kb / 15P
600kHz 18V 2A Synchronous COT Step-Down Converter
Rev. 0.1 - 2019.02
TMI3252T TOLL-TMI3252T Datasheet
894Kb / 15P
600kHz 18V 2A Synchronous COT Step-Down Converter
Rev. 0.1 - 2019.02
TMI3351 TOLL-TMI3351 Datasheet
1Mb / 18P
Wide Input Range Buck Converter With Integrated Synchronous 2-Switchs
V0.4 2023.1
TMI7303B TOLL-TMI7303B Datasheet
1Mb / 15P
802.3af/at Power over Ethernet PoE Powered Device (PD) Controller
V1.2 2024.01
More results

Similar Description - TMIK028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS183B ETC-TFS183B Datasheet
92Kb / 5P
Development specification
logo
Vectron International, ...
TFS1842A VECTRON-TFS1842A Datasheet
74Kb / 5P
Development specification
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
ATMEL Corporation
ATSAM4S-EK ATMEL-ATSAM4S-EK Datasheet
2Mb / 49P
Development Board
logo
Microchip Technology
ATMEGA4809 MICROCHIP-ATMEGA4809 Datasheet
2Mb / 28P
ATmega4809 Curiosity Nano Hardware User Guide
2018
PIC16F18446 MICROCHIP-PIC16F18446 Datasheet
2Mb / 26P
PIC16F18446 Curiosity Nano Hardware User Guide
2018
EV14C17A MICROCHIP-EV14C17A Datasheet
3Mb / 25P
SAM E51 Integrated Graphics and Touch Curiosity User Guide
2021
ATTINY1627 MICROCHIP-ATTINY1627 Datasheet
2Mb / 39P
ATtiny1627 Curiosity Nano Hardware User Guide
A 04/2020
logo
NXP Semiconductors
CODEWARRIORPRDS NXP-CODEWARRIORPRDS Datasheet
416Kb / 9P
Development Tools
REV 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com