Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1339-2DCGI Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 1339-2DCGI
Description  Real-Time Clock with Serial I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1339-2DCGI Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 1339-2DCGI Datasheet HTML 6Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 7Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 8Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 9Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 10Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 11Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 12Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 13Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1339 Datasheet
10
©2007-2023 Renesas Electronics Corporation
December 14, 2023
Trickle Charger Register (10h)
Programmable Trickle Charger
The simplified “Programmable Trickle Charger” schematic shows the basic components of the trickle charger. The
trickle-charge select (TCS) bits (bits 4 to 7) control the selection of the trickle charger. To prevent accidental enabling, only
a pattern of 1010 on the TCS bits enables the trickle charger. All other patterns disable the trickle charger. The trickle
charger is disabled when power is first applied. The diode-select (DS) bits (bits 2 and 3) select whether or not a diode is
connected between VCC and VBACKUP. The ROUT bits (bits 0 and 1) select the value of the resistor connected between VCC
and VBACKUP. Table 6 shows the bit values.
Table 6. Trickle Charger Register (10h)
Warning: The ROUT value of 250 must not be selected whenever VCC is greater than 3.63 V.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Function
TCS3 TCS2 TCS1
TCS0
DS1
DS0
ROUT 1 ROUT 0
X
X
X
X
0
0
X
X
Disabled
X
X
X
X
1
1
X
X
Disabled
X
X
X
X
X
X
0
0
Disabled
1
0
1
0
0
1
0
1
No diode, 250 resistor
1
0
1
0
1
0
0
1
One diode, 250 resistor
1
0
1
0
0
1
1
0
No diode, 2k resistor
1
0
1
0
1
0
1
0
One diode, 2k resistor
1
0
1
0
0
1
1
1
No diode, 4k resistor
1
0
1
0
1
0
1
1
One diode, 4k resistor
0
0
0
0
0
0
0
0
Initial power-up values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com