Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1339-2DCGI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 1339-2DCGI
Description  Real-Time Clock with Serial I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1339-2DCGI Datasheet(HTML) 2 Page - Renesas Technology Corp

  1339-2DCGI Datasheet HTML 1Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 2Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 3Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 4Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 5Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 6Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 7Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 8Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1339 Datasheet
2
©2007-2023 Renesas Electronics Corporation
December 14, 2023
Pin Assignment (8-TSSOP/8-SOIC)
Pin Assignment (16-SOIC)
Pin Descriptions
X1
SCL
SQW/INT
GND
VCC
1
2
3
4
8
7
6
5
SDA
X2
V
BACKUP
1339
16
1
15
2
14
3
13
4
5
6
7
8
9
10
12
11
SCL
VCC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
SDA
GND
SQW/INT
V
BACKUP
1339C
Pin
Number
Pin
Name
Pin Description/Function
TSSOP SOIC
1
-
X1
Connections for standard 32.768kHz quartz crystal. The internal oscillator circuitry is
designed for operation with a crystal having a specified load capacitance (CL) of 7pF. An
external 32.768kHz oscillator can also drive the 1339. In this configuration, the X1 pin is
connected to the external oscillator signal and the X2 pin is left floating.
2
-
X2
3
14
VBACKUP Backup supply input. Supply voltage must be held between 1.3V and 3.7V for proper
operation. This pin can be connected to a primary cell, such as a lithium button cell.
Additionally, this pin can be connected to a rechargeable cell or a super cap that can be
charged using the trickle charger circuit. Diodes placed in series between the backup
source and the VBAT pin may prevent proper operation. If a backup supply is not required,
VBAT must be connected to ground. UL recognized to ensure against reverse charged
current when used with a lithium cell.
4
15
GND
Connect to ground. DC power is provided to the device on these pins.
5
16
SDA
Serial data input/output. SDA is the input/output pin for the I2C serial interface. The SDA
pin is an open-drain output and requires an external pull-up resistor (2k typical).
6
1
SCL
Serial clock input. SCL is used to synchronize data movement on the serial interface. It is
an open-drain output and requires an external pull-up resistor (2k typical).
7
2
SQW/INT Square-Wave/Interrupt output. Programmable square-wave or interrupt output signal. The
SQW/INT pin is an open-drain output and requires an external pull-up resistor (10k
typical).
8
3
VCC
Primary power supply. When voltage is applied within normal limits, the device is fully
accessible and data can be written and read.
-
4 - 13
NC
No connect. These pins are unused and must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com