Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1339-2DCGI Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 1339-2DCGI
Description  Real-Time Clock with Serial I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1339-2DCGI Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 1339-2DCGI Datasheet HTML 10Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 11Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 12Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 13Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 14Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 15Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 16Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 17Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1339 Datasheet
14
©2007-2023 Renesas Electronics Corporation
December 14, 2023
Handling, PCB Layout, and Assembly
The 1339 package contains a quartz tuning-fork crystal. Pick-and-place equipment may be used, but precautions should be
taken to ensure that excessive shocks are avoided. Ultrasonic cleaning equipment should be avoided to prevent damage to
the crystal.
Avoid running signal traces under the package, unless a ground plane is placed between the package and the signal line.
All NC (no connect) pins must be connected to ground.
Moisture-sensitive packages are shipped from the factory dry-packed. Handling instructions listed on the package label must
be followed to prevent damage during reflow. Refer to the IPC/JEDEC J-STD-020 standard for moisture-sensitive device
(MSD) classifications.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 1339. These ratings, which are
standard values for Renesas commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended DC Operating Conditions
Note A: Operating voltages without a back up supply connected.
Note B: When a back up supply voltage is connected choose proper part number 1339-2 or 1339-31 depending
upon the back up supply voltage.
Item
Symbol
Rating
All Inputs and Outputs
-
-0.3V to +6.0V
Junction Temperature
-
125C
Storage Temperature
-
-55 to +125C
Soldering Temperature
-
260C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Ambient Operating Temperature
TA
-40
-
+85
C
Backup Supply Voltage
VBACKUP
1.3
3.0
3.7
V
Pull-up Resistor Voltage (SQW/INT, SDA, SCL),
VCC = 0V
VPU
-
-
5.5
V
Logic 1
VIH
0.8VCC
-
VCC + 0.3
V
Logic 0
VIL
-0.3
-
0.2VCC
V
Supply Voltage
1339-2, Note A
VCC
VPF
2.0
5.5
V
1339-31, Note A
VPF
3.3
5.5
Power Fail Voltage
1339-2, Note B
VPF
1.40
1.70
1.80
V
1339-31, Note B
2.45
2.70
2.97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com