Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L30MF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1L30MF
Description  Low drop power Schottky rectifier in flat package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30MF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1L30MF Datasheet HTML 1Page - STMicroelectronics STPS1L30MF Datasheet HTML 2Page - STMicroelectronics STPS1L30MF Datasheet HTML 3Page - STMicroelectronics STPS1L30MF Datasheet HTML 4Page - STMicroelectronics STPS1L30MF Datasheet HTML 5Page - STMicroelectronics STPS1L30MF Datasheet HTML 6Page - STMicroelectronics STPS1L30MF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS1L30MF
2/7
1
Characteristics
To evaluate the conduction losses use the following equation: P = 0.26 x I
F(AV) + 0.08 IF
2
(RMS)
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
20
°C/W
Rth(j-a)
(1)
1.
Mounted with minimum recommended pad size, PC board FR4
Junction to ambient
250
°C/W
Table 3.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR
(1)
1.
Pulse test: = 380 µs,
δ < 2%
Reverse leakage current
Tj = 25° C
VR = VRRM
0.13
0.39
mA
Tj = 85° C
5.25
16.5
Tj = 25° C
VR = 20 V
0.05
0.24
Tj = 85° C
3.5
10.5
Tj = 25° C
VR = 10 V
0.03
0.15
Tj = 85° C
2.4
7
VF
(1)
Forward voltage drop
Tj = 25° C
IF = 1 A
0.33
0.39
V
Tj = 85° C
0.28
0.34
Tj = 25° C
IF = 2 A
0.39
0.45
Tj = 85° C
0.36
0.42
Tj = 25° C
IF = 3 A
0.45
0.53
Tj = 85° C
0.43
0.51
Tj = 25° C
IF = 4 A
0.50
0.60
Tj = 85° C
0.50
0.60



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com