Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L30MF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1L30MF
Description  Low drop power Schottky rectifier in flat package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30MF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1L30MF Datasheet HTML 1Page - STMicroelectronics STPS1L30MF Datasheet HTML 2Page - STMicroelectronics STPS1L30MF Datasheet HTML 3Page - STMicroelectronics STPS1L30MF Datasheet HTML 4Page - STMicroelectronics STPS1L30MF Datasheet HTML 5Page - STMicroelectronics STPS1L30MF Datasheet HTML 6Page - STMicroelectronics STPS1L30MF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS1L30MF
4/7
Figure 7.
Reverse leakage currrent versus
reverse voltage applied (typical
values)
Figure 8.
Reverse leakage currrent versus
junction temperature (typical
values)
Figure 9.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 10.
Forward voltage drop versus
forward current
Figure 11.
Thermal resistance junction to
ambient versus copper surface
under tab (epoxy printed board
FR4, Cu=35 µm, typical values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
2
4
6
8
1012141618202224262830
I (mA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =50°C
j
T =25°C
j
T =75°C
j
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
25
50
75
100
125
150
I (mA)
R
T (°C)
j
V =30V
R
10
100
1000
1
10
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =85°C
(maximum values)
j
T =85°C
(typical values)
j
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
180
200
R
(°C/W)
th(j-a)
S(mm²)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com