Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L30MF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS1L30MF
Description  Low drop power Schottky rectifier in flat package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30MF Datasheet(HTML) 5 Page - STMicroelectronics

  STPS1L30MF Datasheet HTML 1Page - STMicroelectronics STPS1L30MF Datasheet HTML 2Page - STMicroelectronics STPS1L30MF Datasheet HTML 3Page - STMicroelectronics STPS1L30MF Datasheet HTML 4Page - STMicroelectronics STPS1L30MF Datasheet HTML 5Page - STMicroelectronics STPS1L30MF Datasheet HTML 6Page - STMicroelectronics STPS1L30MF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPS1L30MF
Package information
5/7
2
Package information
Table 4.
STmite flat dimensions
Figure 12.
STmite flat recommended footprint (all dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.85
0.95
0.031 0.033 0.037
b
0.40
0.55
0.65
0.016 0.022 0.026
b2
0.70
0.85
1.00
0.027 0.033 0.039
c
0.10
0.15
0.25
0.004 0.006 0.009
D
1.75
1.90
2.05
0.069 0.075 0.081
E
3.60
3.80
3.90
0.142 0.150 0.154
E1
2.80
2.95
3.10
0.110 0.116 0.122
L
0.50
0.55
0.80
0.020 0.022 0.031
L1
2.10
2.40
2.60
0.083 0.094 0.102
L2
0.45
0.60
0.75
0.018 0.024 0.030
L3
0.20
0.35
0.50
0.008 0.014 0.020
E1
E
c
Db
L3
A
L
L1
L2
b2
0.85 0.63
2.00
4.13
0.95
1.95
0.65
0.65



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com