Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI Datasheet HTML 5Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 6Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 7Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 9Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 10Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 11Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 12Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
©2016-2023 Renesas Electronics Corporation
November 20, 2023
8P34S2108 Datasheet
tR / tF
Output Rise/ Fall Time
10% to 90%, outputs loaded with 100
VDD = 1.8V ±5%
-
150
400
ps
20% to 80%, outputs loaded with 100
VDD = 1.8V ±5%
-
90
160
ps
10% to 90%, outputs loaded with 100
VDD = 2.1V–2.7V
-
200
420
ps
20% to 80%, outputs loaded with 100
VDD = 2.1V–2.7V
-
110
190
ps
VPP
Input Voltage
Amplitude
CLKA,
CLKB
-
0.15
-
1.2
V
VPP_DIFF
Differential Input
Voltage Amplitude
CLKA,
CLKB
-
0.3
-
2.4
V
VCMR
Common Mode Input Voltage[i]
-
1.1
-
VDD[j] – (VPP/2)
V
VOD
Differential
Output Voltage
SELA A, SELAB = 0, ROUT = 100
fREF < 2GHz
247
350
454
mV
SELA A, SELAB = 0, ROUT = 100
fREF < 500MHz
305
385
454
mV
SELA A, SELAB = float, ROUT = 100
fREF < 2GHz
350
500
650
mV
SELA A, SELAB = float, ROUT = 100
fREF < 500MHz
450
550
650
mV
VOS
Offset voltage, VDD = 1.8V ± 5%
SELAA, SELAB = 0
0.61
0.77
0.91
V
SELAA, SELAB = float
0.53
0.68
0.82
V
Offset voltage, VDD = 2.1V
SELAA, SELAB = 0
0.80
1.01
1.20
V
SELAA, SELAB = float
0.74
0.95
1.15
V
Offset voltage, VDD = 2.3V
SELAA, SELAB = 0
1.00
1.21
1.42
V
SELAA, SELAB = float
0.95
1.15
1.36
V
Offset voltage, VDD = 2.5V
SELAA, SELAB = 0
1.30
1.45
1.62
V
SELAA, SELAB = float
1.20
1.35
1.55
V
Offset voltage, VDD = 2.7V
SELAA, SELAB = 0
1.40
1.61
1.82
V
SELAA, SELAB = float
1.34
1.55
1.75
V
[a] Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is mounted
in a test socket with maintained transverse airflow greater than 500lfpm. The device will meet specifications after thermal equilibrium has been
reached under these conditions.
[b] Measured from the differential input crossing point to the differential output crossing point.
[c] Input VPP = 400mV.
[d] Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross points.
[e] This parameter is defined in accordance with JEDEC Standard 65.
Table 11. AC Electrical Characteristics, VDDA = VDDB = VDDQA = VDDQB 1.8V ±5%, 2.1V - 2.7V,
TA = -40°C to +85°C [a]
Symbol
Parameter
Test Conditions
Minimum Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com