Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI Datasheet HTML 11Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 12Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 13Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 15Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 16Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 17Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 18Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
©2016-2023 Renesas Electronics Corporation
November 20, 2023
8P34S2108 Datasheet
VFQFPN EPAD Thermal Release Path
In order to maximize both the removal of heat from the package and the electrical performance, a land pattern must be incorporated on
the Printed Circuit Board (PCB) within the footprint of the package corresponding to the exposed metal pad or exposed heat slug on the
package, as shown in Figure 9. The solderable area on the PCB, as defined by the solder mask, should be at least the same size/shape
as the exposed pad/slug area on the package to maximize the thermal/electrical performance. Sufficient clearance should be designed
on the PCB between the outer edges of the land pattern and the inner edges of pad pattern for the leads to avoid any shorts.
While the land pattern on the PCB provides a means of heat transfer and electrical grounding from the package to the board through a
solder joint, thermal vias are necessary to effectively conduct from the surface of the PCB to the ground plane(s). The land pattern must
be connected to ground through these vias. The vias act as “heat pipes”. The number of vias (i.e. “heat pipes”) are application specific
and dependent upon the package power dissipation as well as electrical conductivity requirements. Thus, thermal and electrical analysis
and/or testing are recommended to determine the minimum number needed. Maximum thermal and electrical performance is achieved
when an array of vias is incorporated in the land pattern. It is recommended to use as many vias connected to ground as possible. It is
also recommended that the via diameter should be 12 to 13mils (0.30 to 0.33 mm) with 1oz copper via barrel plating. This is desirable to
avoid any solder wicking inside the via during the soldering process which may result in voids in solder between the exposed pad/slug
and the thermal land. Precautions should be taken to eliminate any solder voids between the exposed heat slug and the land pattern.
Note: These recommendations are to be used as a guideline only. For further information, please refer to the application note on the
Surface Mount Assembly of Amkor’s Thermally/ Electrically Enhance Leadframe Base Package, Amkor Technology.
Figure 9. P.C. Assembly for Exposed Pad Thermal Release Path – Side View (drawing not to scale)
Case Temperature Considerations
This device supports applications in a natural convection environment which does not have any thermal conductivity through ambient air.
The printed circuit board (PCB) is typically in a sealed enclosure without any natural or forced air flow and is kept at or below a specific
temperature. The device package design incorporates an exposed pad (ePad) with enhanced thermal parameters which is soldered to
the PCB where most of the heat escapes from the bottom exposed pad. For this type of application, it is recommended to use the
junction-to-board thermal characterization parameter JB (Psi-JB) to calculate the junction temperature (TJ) and ensure it does not
exceed the maximum allowed junction temperature in the Absolute Maximum Rating table.
The junction-to-board thermal characterization parameter, JB, is calculated using the following equation:
TJ = TCB + JB x PD, where
TJ = Junction temperature at steady state condition in (°C).
TCB = Case temperature (Bottom) at steady state condition in (°C).
JB = Thermal characterization parameter to report the difference between junction temperature and the temperature of the board
measured at the top surface of the board.
PD = power dissipation (W) in desired operating configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com