Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI Datasheet HTML 13Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 15Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 16Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 17Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 18Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 19Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 20Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
©2016-2023 Renesas Electronics Corporation
November 20, 2023
8P34S2108 Datasheet
Revision History
Date
Description of Change
November 20, 2023
Added row “SELASELAA, SELAB A, SELAB = 0, ROUT = 100W, fREF < 500MHz” to VOD in Table 11.
March 21, 2023
▪ Updated Table 8 and Table 9:
• changed IIH to 150µA from 10µA
• changed IIL to -150µA from -10µA
June 6, 2022
▪ Updated the test condition and values for VREF in Table 9.
May 26, 2022
▪ Updated the Power Supply Current values in Table 6 and Table 7.
▪ Updated the maximum value for the Input Leakage Current in Table 8 and Table 9.
▪ Updated the test conditions for Differential Output Voltage and Offset Voltage in Table 10.
▪ Completed other minor changes.
May 17, 2022
▪ Added device support for Fail-Safe Operation.
▪ Updated SELAA/SELAB pin function.
▪ Added leakage current spec in Table 8 and Table 9.
November 9, 2021
Updated
Table 11.
April 15, 2021
Updated Offset Voltage specifications in AC Electrical Characteristics table.
April 13, 2021
▪ Added electrical tables for 2.5V support (added new table 6, updated tables 7–10).
▪ Updated Package Outline Drawings section; added package link in Ordering Information table.
September 8, 2020
▪ Updated the section Wiring the Differential Input to Accept Single-ended Levels.
▪ Updated Figures 3, 5 and 6.
▪ Reformatted document template.
October 20, 2016
▪ Page 1, Features, added Device current consumption.
▪ Page 9, added AC Electrical Characteristics section.
▪ Page 18, added Marking Diagram.
▪ Updated datasheet formatting.
July 28, 2016
Features Section - corrected phase jitter bullet spec from <50fs to 45fs.
July 12, 2016
Initial release of the 8P34S2108 Datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com