Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60AM18SCG Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # APTC60AM18SCG
Description  SiC MOSFET Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APTC60AM18SCG Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  APTC60AM18SCG Datasheet HTML 1Page - Inchange Semiconductor Company Limited APTC60AM18SCG Datasheet HTML 2Page - Inchange Semiconductor Company Limited APTC60AM18SCG Datasheet HTML 3Page - Inchange Semiconductor Company Limited APTC60AM18SCG Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISCFM8116
eq APTC60AM18SCG
SiC MOSFET Power Module
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.15
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= 0.25mA
600
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 600V, VGS= 0V
--
--
100
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V, VDS= 0V
--
--
±
400
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 0.25mA
2.1
--
3.9
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V, ID= 71.5A
--
--
18
mΩ
SERIES DIODE RATINGS AND CHARACTERISTICS (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VRRM
Repetitive Peak Reverse Voltage
600
--
--
V
IRRM
Peak Reverse Recovery Current
VR=600V
--
--
150
uA
IF
DC Forward Voltage
TC= 80℃
--
200
--
A
VF
Diode Forward Voltage
IF= 200A, VGE= 0V
--
--
2.0
V
trr
Reverse Recovery Time
IF= 200A, VR= 300V,
dIF/dt= 2800A/us
--
127
--
ns
Rth j-c
Thermal Resistance, Junction to Case for Diode
--
--
0.39
℃
/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com