Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60AM18SCG Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # APTC60AM18SCG
Description  SiC MOSFET Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APTC60AM18SCG Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  APTC60AM18SCG Datasheet HTML 1Page - Inchange Semiconductor Company Limited APTC60AM18SCG Datasheet HTML 2Page - Inchange Semiconductor Company Limited APTC60AM18SCG Datasheet HTML 3Page - Inchange Semiconductor Company Limited APTC60AM18SCG Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISCFM8116
eq APTC60AM18SCG
SiC MOSFET Power Module
www.iscsemi.com
1
DESCRIPTION
· Drain Current -ID= 143A@ TC=25℃
· Drain Source Voltage
-VDSS= 600V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 18mΩ(Max)@VGS= 10V
APPLICATIONS
· Switched Mode Power Supplies
· Uninterruptible Power Suppliers
· Motor Control
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
600
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current-continuous@ TC= 25℃
143
A
Drain Current-continuous@ TC= 80℃
107
A
IDM
Pulse Drain Current
572
A
PD
Total Dissipation@TC= 25℃
833
W
TJ
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-40~125


Similar Part No. - APTC60AM18SCG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC60AM18SCG

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM350MB120SCH15 SEMIKRON-SKM350MB120SCH15 Datasheet
99Kb / 4P
SiC MOSFET Module
SKM350MB120SCH17 SEMIKRON-SKM350MB120SCH17 Datasheet
103Kb / 4P
SiC MOSFET Module
SKM500MB120SC SEMIKRON-SKM500MB120SC Datasheet
120Kb / 3P
SiC MOSFET Module
SK25MH120TSCP SEMIKRON-SK25MH120TSCP Datasheet
173Kb / 4P
SIC MOSFET Module
SK45MAHT12SCP SEMIKRON-SK45MAHT12SCP Datasheet
222Kb / 3P
SiC MOSFET Module
logo
Microchip Technology
MSCSM170HM23CT3AG MICROCHIP-MSCSM170HM23CT3AG Datasheet
780Kb / 17P
Full Bridge SiC MOSFET Power Module
2021
MSCSM170AM23CT1AG MICROCHIP-MSCSM170AM23CT1AG Datasheet
1,021Kb / 17P
Phase Leg SiC MOSFET Power Module
A 04/2021
logo
Inchange Semiconductor ...
GA100JT12-ISCFM8004 ISC-GA100JT12-ISCFM8004 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
GA100JT17-ISCFM8005 ISC-GA100JT17-ISCFM8005 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
APTM100A13SCG ISC-APTM100A13SCG Datasheet
439Kb / 6P
SiC diodes MOSFET Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com