Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC60AM18SCG Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # APTC60AM18SCG
Description  SiC MOSFET Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APTC60AM18SCG Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  APTC60AM18SCG Datasheet HTML 1Page - Inchange Semiconductor Company Limited APTC60AM18SCG Datasheet HTML 2Page - Inchange Semiconductor Company Limited APTC60AM18SCG Datasheet HTML 3Page - Inchange Semiconductor Company Limited APTC60AM18SCG Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISCFM8116
eq APTC60AM18SCG
SiC MOSFET Power Module
www.iscsemi.com
3
PARALLEL DIODE RATINGS AND CHARACTERISTICS (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VRRM
Repetitive Peak Reverse Voltage
600
--
--
V
IRRM
Peak Reverse Recovery Current
VR=600V
--
--
1600
uA
IF
DC Forward Voltage
TC= 125℃
--
80
--
A
VF
Diode Forward Voltage
IF= 80A, VGE= 0V
--
--
1.8
V
Rth j-c
Thermal Resistance, Junction to Case for Diode
--
--
0.35
℃
/W
INTERNAL CIRCUIT:
PACKAGE DIMENSIONS (UNIT: mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com