Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T56 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41T56
Description  512 bit 64b x8 Serial Access TIMEKEEPER SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41T56 Datasheet HTML 7Page - STMicroelectronics M41T56 Datasheet HTML 8Page - STMicroelectronics M41T56 Datasheet HTML 9Page - STMicroelectronics M41T56 Datasheet HTML 10Page - STMicroelectronics M41T56 Datasheet HTML 11Page - STMicroelectronics M41T56 Datasheet HTML 12Page - STMicroelectronics M41T56 Datasheet HTML 13Page - STMicroelectronics M41T56 Datasheet HTML 14Page - STMicroelectronics M41T56 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
M41T56
Operation
11/28
2.2
READ mode
In this mode, the master reads the M41T56 slave after setting the slave address (see
Figure 8 on page 12 and Figure 9 on page 12). Following the WRITE Mode Control Bit (R/W
= 0) and the Acknowledge Bit, the word address An is written to the on-chip address pointer.
Next the START condition and slave address are repeated, followed by the READ Mode
Control Bit (R/W = 1). At this point, the master transmitter becomes the master receiver. The
data byte which was addressed will be transmitted and the master receiver will send an
Acknowledge Bit to the slave transmitter. The address pointer is only incremented on
reception of an Acknowledge Bit. The M41T56 slave transmitter will now place the data byte
at address An + 1 on the bus. The master receiver reads and acknowledges the new byte
and the address pointer is incremented to An + 2. This cycle of reading consecutive
addresses will continue until the master receiver sends a STOP condition to the slave
transmitter.
An alternate READ mode may also be implemented, whereby the master reads the M41T56
slave without first writing to the (volatile) address pointer. The first address that is read is the
last one stored in the pointer, see Figure 10 on page 12.
Table 2.
AC characteristics
Symbol
Parameter(1)
1.
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V (except where noted).
Min
Max
Unit
fSCL
SCL clock frequency
0
100
kHz
tLOW
Clock low period
4.7
µs
tHIGH
Clock high period
4
µs
tR
SDA and SCL rise time
1
µs
tF
SDA and SCL fall time
300
ns
tHD:STA
START condition hold time
(after this period the first clock pulse is generated)
4µs
tSU:STA
START condition setup time
(only relevant for a repeated start condition)
4.7
µs
tSU:DAT
Data setup time
250
ns
tHD:DAT
(2)
2.
Transmitter must internally provide a hold time to bridge the undefined region (300ns max.) of the falling
edge of SCL.
Data hold time
0
µs
tSU:STO
STOP condition setup time
4.7
µs
tBUF
Time the bus must be free before a new transmission
can start
4.7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com