Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T56 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41T56
Description  512 bit 64b x8 Serial Access TIMEKEEPER SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41T56 Datasheet HTML 20Page - STMicroelectronics M41T56 Datasheet HTML 21Page - STMicroelectronics M41T56 Datasheet HTML 22Page - STMicroelectronics M41T56 Datasheet HTML 23Page - STMicroelectronics M41T56 Datasheet HTML 24Page - STMicroelectronics M41T56 Datasheet HTML 25Page - STMicroelectronics M41T56 Datasheet HTML 26Page - STMicroelectronics M41T56 Datasheet HTML 27Page - STMicroelectronics M41T56 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Part numbering
M41T56
26/28
7
Part numbering
Caution:
Do not place the SNAPHAT battery package “M4TXX-BR12SH” in conductive foam as it will
drain the lithium button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST Sales Office nearest you.
Table 15.
Ordering information scheme
Example:
M41T
56
M
6
E
Device type
M41T
Supply voltage and write protect voltage
56 = VCC = 4.5 to 5.5V
Package
M = SO8N
MH(1)= SOH28
1.
The SOIC package (SOH28) requires the SNAPHAT® battery package which is ordered separately under
the part number “M4Txx-BR12SHx” in plastic tube or “M4Txx-BR12SHxTR” in Tape & Reel form (see
Table 16).
Temperature range
6 = –40 to 85°C
Shipping method
For SO8N:
E = Lead-free package (ECOPACK®), tubes
F = Lead-free package (ECOPACK®), tape & reel
For SOH28:
E = Lead-free package (ECOPACK®), tubes
F = Lead-free Package (ECOPACK®), tape & reel
Table 16.
SNAPHAT battery/crystal table
Part number
Description
Package
M4T28-BR12SH
Lithium battery (48mAh)/crystal SNAPHAT
SH
M4T32-BR12SH
Lithium battery (120mAh)/crystal SNAPHAT
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com