Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB260-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SB260-G
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB260-G Datasheet(HTML) 1 Page - Comchip Technology

  SB260-G Datasheet HTML 1Page - Comchip Technology SB260-G Datasheet HTML 2Page - Comchip Technology SB260-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifiers
Electrical Characteristics (at TA=25°C unless otherwise noted)
Reverse Voltage: 40 to 100 V
Forward Current: 2.0 A
RoHS Device
SB240-G Thru. SB2100-G
Dimensions in inches and (millimeter)
DO-41
1.0(25.4) Min.
1.0(25.4) Min.
.205(5.2)
.160(4.1)
.107(2.7)
.080(2.0)
.034(0.86)
.028(0.70)
Features
-
.
Low drop down voltage
- Metal-Semiconductor junction with guard ring.
- High surge current capability.
-
.
Silicon epitaxial planar chips
-
.
Lead-free part, meet RoHS requirements
Mechanical data
- Epoxy: UL94-V0 rated flame retardant.
- Case: Molded plastic body DO-41.
- Terminals: Solderable per MIL-STD-750 Method 2026.
- Polarity: Color band denotes cathode end.
- Mounting position: Any.
- For use in low voltage, high efficiency inverters,
free wheeling, and polarity protection applications.
Notes: 1.
.
Measured at 1.0MHz and applied reverse voltage of 4.0 volts
2. Thermal resistance junction to ambient and junction to lead.
Parameter
Symbol
Unit
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=75°C, See Figure 1
Peak forward surge current
8.3ms single half sine-wave superimposed on rated load
(JEDEC method) TL=110°C
Maximum f
2.0A
orward voltage at
Maximum DC reverse current
TA=25°C
At rated DC blocking voltage
TA=100°C
Typical junction capacitance (Note 1)
Operating junction temperature range
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
CJ
TJ
-55 to +150
V
V
V
A
A
V
pF
°C/W
mA
Storage temperature range
TSTG
°C
°C
Typical t
(Note 2)
hermal resistance
RθJA
RθJL
40
40
60
60
100
100
28
42
70
2.0
-55 to +150
-55 to +125
5
10
35.0
20.0
0.5
0.50
0.85
0.70
150
50
SB240-G
SB260-G
SB2100-G
250
Comchip Technology CO., LTD.
QW-BB041
Page 1
REV:B
Circuit Diagram


Similar Part No. - SB260-G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SB260-2A-DO-15 DGNJDZ-SB260-2A-DO-15 Datasheet
230Kb / 2P
2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
logo
Vishay Siliconix
SB260-E373 VISHAY-SB260-E373 Datasheet
71Kb / 4P
Schottky Barrier Rectifier
16-Oct-09
logo
Won-Top Electronics
SB260-T3 WTE-SB260-T3 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
SB260-T3 WTE-SB260-T3 Datasheet
60Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
SB260-TB WTE-SB260-TB Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB260-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com