Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36W108 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M36W108
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M36W108 Datasheet HTML 18Page - STMicroelectronics M36W108 Datasheet HTML 19Page - STMicroelectronics M36W108 Datasheet HTML 20Page - STMicroelectronics M36W108 Datasheet HTML 21Page - STMicroelectronics M36W108 Datasheet HTML 22Page - STMicroelectronics M36W108 Datasheet HTML 23Page - STMicroelectronics M36W108 Datasheet HTML 24Page - STMicroelectronics M36W108 Datasheet HTML 25Page - STMicroelectronics M36W108 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
M36W108T, M36W108B
22/35
Table 20. Flash Data Polling and Toggle Bits AC Characteristics (1)
(TA = 0 to 70 °C, –20 to 85 °C or –40 to 85 °C; VCCF = 2.7V to 3.6V)
Note: 1. All other timings are defined in Read AC Characteristics table.
Symbol
Parameter
Flash Memory Chip
Unit
100
120
CL = 30pF
CL = 100pF
Min
Max
Min
Max
tWHQ7V
Write Enable High to DQ7 Valid (Program, W Controlled)
10
2400
10
2400
ms
Write Enable High to DQ7 Valid (Chip Erase, W
Controlled)
1.0
60
1.0
60
sec
tEHQ7V
Chip Enable High to DQ7 Valid (Program, EF Controlled)
10
2400
10
2400
µs
Chip Enable High to DQ7 Valid (Chip Erase, EF
Controlled)
1.0
60
1.0
60
sec
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
40
50
ns
tWHQV
Write Enable High to Output Valid (Program)
10
2400
10
2400
µs
Write Enable High to Output Valid (Chip Erase)
1.0
60
1.0
60
sec
tEHQV
Chip Enable High to Output Valid (Program)
10
2400
10
2400
µs
Chip Enable High to Output Valid (Chip Erase)
1.0
60
1.0
60
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com