Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36W108 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M36W108
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108 Datasheet(HTML) 1 Page - STMicroelectronics

  M36W108 Datasheet HTML 1Page - STMicroelectronics M36W108 Datasheet HTML 2Page - STMicroelectronics M36W108 Datasheet HTML 3Page - STMicroelectronics M36W108 Datasheet HTML 4Page - STMicroelectronics M36W108 Datasheet HTML 5Page - STMicroelectronics M36W108 Datasheet HTML 6Page - STMicroelectronics M36W108 Datasheet HTML 7Page - STMicroelectronics M36W108 Datasheet HTML 8Page - STMicroelectronics M36W108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1/35
NOT FOR NEW DESIGN
May 1999
This is information on a product still in production but not recommended for new designs.
M36W108T
M36W108B
8 Mbit (1Mb x8, Boot Block) Flash Memory and
1 Mbit (128Kb x8) SRAM Low Voltage Multi-Memory Product
s
M36W108T and M36W108B are replaced
respectively by the M36W108AT and
M36W108AB
s
SUPPLY VOLTAGE
–VCCF = VCCS = 2.7V to 3.6V: for Program,
Erase and Read
s
ACCESS TIME: 100ns
s
LOW POWER CONSUMPTION
– Read: 40mA max. (SRAM chip)
– Stand-by: 30µA max. (SRAM chip)
– Read: 10mA max. (Flash chip)
– Stand-by: 100µA max. (Flash chip)
FLASH MEMORY
s
8 Mbit (1Mb x 8) BOOT BLOCK ERASE
s
PROGRAMMING TIME: 10µs typical
s
PROGRAM/ERASE CONTROLLER (P/E.C.)
– Program Byte-by-Byte
– Status Register bits and Ready/Busy Output
s
MEMORY BLOCKS
– Boot Block (Top or Bottom location)
– Parameter and Main Blocks
s
BLOCK, MULTI-BLOCK and CHIP ERASE
s
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code, M36W108T: D2h
– Device Code, M36W108B: DCh
SRAM
s
1 Mbit (128Kb x 8)
s
POWER DOWN FEATURES USING TWO
CHIP ENABLE INPUTS
s
LOW VCC DATA RETENTION: 2V
BGA
LGA
LBGA48 (ZM)
6 x 8 solder balls
LGA48 (ZN)
6 x 8 solder lands
Figure 1. Logic Diagram
AI02509
20
A0-A19
W
DQ0-DQ7
VCCF
M36W108T
M36W108B
EF
VSS
8
G
RP
RB
VCCS
E1S
E2S


Similar Part No. - M36W108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W108AB STMICROELECTRONICS-M36W108AB Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108AB100ZM1T STMICROELECTRONICS-M36W108AB100ZM1T Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108AB100ZM5T STMICROELECTRONICS-M36W108AB100ZM5T Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108AB100ZM6T STMICROELECTRONICS-M36W108AB100ZM6T Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108AB100ZN1T STMICROELECTRONICS-M36W108AB100ZN1T Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
More results

Similar Description - M36W108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
19-Sep-2005
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29W008AT STMICROELECTRONICS-M29W008AT Datasheet
218Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W008T STMICROELECTRONICS-M29W008T Datasheet
219Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W010B STMICROELECTRONICS-M29W010B Datasheet
406Kb / 19P
1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M36W108AT STMICROELECTRONICS-M36W108AT Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W216TI STMICROELECTRONICS-M36W216TI Datasheet
434Kb / 62P
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT_04 Datasheet
717Kb / 40P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
09-Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com